Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHLL110 Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIHLL110
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHLL110 Datasheet(HTML) 1 Page - Vishay Telefunken

  SIHLL110 Datasheet HTML 1Page - Vishay Telefunken SIHLL110 Datasheet HTML 2Page - Vishay Telefunken SIHLL110 Datasheet HTML 3Page - Vishay Telefunken SIHLL110 Datasheet HTML 4Page - Vishay Telefunken SIHLL110 Datasheet HTML 5Page - Vishay Telefunken SIHLL110 Datasheet HTML 6Page - Vishay Telefunken SIHLL110 Datasheet HTML 7Page - Vishay Telefunken SIHLL110 Datasheet HTML 8Page - Vishay Telefunken SIHLL110 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLL110, SiHLL110
www.vishay.com
Vishay Siliconix
S15-1195-Rev. F, 25-May-15
1
Document Number: 91320
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
Marking code: LB
FEATURES
• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Logic-level gate drive
•RDS(on) specified at VGS = 4 V and 5 V
• Fast switching
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The SOT-223 package is designed for surface-mounting
using vapor phase, infrared, or wave soldering techniques.
Its unique package design allows for easy automatic
pick-and-place as with other SOT or SOIC packages but
has the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation of
greater than 1.25 W is possible in a typical surface mount
application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 25 mH, Rg = 25 , IAS = 1.5 A (see fig. 12).
c. ISD  5.6 A, dI/dt  75 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
100
RDS(on) ()VGS = 5.0 V
0.54
Qg (Max.) (nC)
6.1
Qgs (nC)
2.6
Qgd (nC)
3.3
Configuration
Single
N-Channel MOSFET
G
D
S
SOT-223
G
D
S
D
Available
ORDERING INFORMATION
Package
SOT-223
SOT-223
Tube
Tape and Reel
Lead (Pb)-free and Halogen-free
-
SiHLL110TR-GE3
Lead (Pb)-free
IRLL110PbF
IRLL110TRPbF a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5.0 V
TC = 25 °C
ID
1.5
A
TC = 100 °C
0.93
Pulsed Drain Current a
IDM
12
Linear Derating Factor
0.025
W/°C
Linear Derating Factor (PCB Mount) e
0.017
Single Pulse Avalanche Energy b
EAS
50
mJ
Repetitive Avalanche Current a
IAR
1.5
A
Repetitive Avalanche Energy a
EAR
0.31
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
Maximum Power Dissipation (PCB Mount) e
TA = 25 °C
2.0
Peak Diode Recovery dV/dt c
dV/dt
5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak Temperature) d
for 10 s
300


Similar Part No. - SIHLL110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHLL110 VISHAY-SIHLL110 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHLL110-E3 VISHAY-SIHLL110-E3 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHLL110T VISHAY-SIHLL110T Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHLL110T-E3 VISHAY-SIHLL110T-E3 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHLL110TR-GE3 VISHAY-SIHLL110TR-GE3 Datasheet
358Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHLL110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com