Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58V512V36D Datasheet(PDF) 1 Page - Micron Technology

Part # MT58V512V36D
Description  16Mb SYNCBURST??SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58V512V36D Datasheet(HTML) 1 Page - Micron Technology

  MT58V512V36D Datasheet HTML 1Page - Micron Technology MT58V512V36D Datasheet HTML 2Page - Micron Technology MT58V512V36D Datasheet HTML 3Page - Micron Technology MT58V512V36D Datasheet HTML 4Page - Micron Technology MT58V512V36D Datasheet HTML 5Page - Micron Technology MT58V512V36D Datasheet HTML 6Page - Micron Technology MT58V512V36D Datasheet HTML 7Page - Micron Technology MT58V512V36D Datasheet HTML 8Page - Micron Technology MT58V512V36D Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
16Mb: 1 Meg x 18, 512K x 32/36 Pipelined, DCD SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L1MY18D_2.p65 – Rev 7/00
©2000, Micron Technology, Inc.
16Mb: 1 MEG x 18, 512K x 32/36
PIPELINED, DCD SYNCBURST SRAM
ADVANCE
16Mb SYNCBURST
SRAM
FEATURES
• Fast clock and OE# access times
• Single +3.3V ±0.165Vor 2.5V ±0.125V power supply
(VDD)
• Separate +3.3V or 2.5V isolated output buffer
supply (VDDQ)
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Individual BYTE WRITE control and GLOBAL
WRITE
• Three chip enables for simple depth expansion and
address pipelining
• Clock-controlled and registered addresses, data I/Os
and control signals
• Internally self-timed WRITE cycle
• Burst control (interleaved or linear burst)
• Automatic power-down
• 100-pin TQFP package
• 165-pin FBGA package
• Low capacitive bus loading
• x18, x32, and x36 versions available
OPTIONS
TQFP MARKING*
• Timing (Access/Cycle/MHz)
3.5ns/6ns/166 MHz
-6
4.0ns/7.5ns/133 MHz
-7.5
5ns/10ns/100 MHz
-10
• Configurations
3.3V VDD, 3.3V or 2.5V I/O
1 Meg x 18
MT58L1MY18D
512K x 32
MT58L512Y32D
512K x 36
MT58L512Y36D
2.5V VDD, 2.5V I/O
1 Meg x 18
MT58V1MV18D
512K x 32
MT58V512V32D
512K x 36
MT58V512V36D
• Packages
100-pin TQFP (3-chip enable)
T
165-pin FBGA
F
• Operating Temperature Range
Commercial (0ºC to +70ºC)
None
*See page 34 for FBGA package marking guide.
Part Number Example:
MT58L1MY18DT-7.5
MT58L1MY18D, MT58V1MV18D,
MT58L512Y32D, MT58V512V32D,
MT58L512Y36D, MT58V512V36D
3.3V VDD, 3.3V or 2.5V I/O; 2.5V VDD, 2.5V
I/O, Pipelined, Double-Cycle Deselect
GENERAL DESCRIPTION
The Micron® SyncBurstSRAM family employs high-
speed, low-power CMOS designs that are fabricated
using an advanced CMOS process.
Micron’s 16Mb SyncBurst SRAMs integrate a 1 Meg x
18, 512K x 32, or 512K x 36 SRAM core with advanced
synchronous peripheral circuitry and a 2-bit burst
counter. All synchronous inputs pass through registers
controlled by a positive-edge-triggered single-clock in-
put (CLK). The synchronous inputs include all addresses,
all data inputs, active LOW chip enable (CE#), two
additional chip enables for easy depth expansion (CE2,
CE2#), burst control inputs (ADSC#, ADSP#, ADV#),
byte write enables (BWx#) and global write (GW#). Note
that CE2# is not available on the T Version.
Asynchronous inputs include the output enable
(OE#), clock (CLK) and snooze enable (ZZ). There is also
100-Pin TQFP1
NOTE: 1. JEDEC-standard MS-026 BHA (LQFP).
165-Pin FBGA
(Preliminary Package Data)


Similar Part No. - MT58V512V36D

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT5815 MAXIC-MT5815 Datasheet
180Kb / 2P
   Highly Integrated, High Pertormance Wireless Power Transmitter
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR Datasheet
573Kb / 2P
   Peak Emission Wavelength: 850nm
MT5850-IR MARKTECH-MT5850-IR Datasheet
573Kb / 2P
   Infrared LED
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT5850_IR MARKTECH-MT5850_IR Datasheet
573Kb / 2P
   Peak Emission Wavelength: 850nm
More results

Similar Description - MT58V512V36D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Maxim Integrated Produc...
DS1270W MAXIM-DS1270W Datasheet
156Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
110602
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Dallas Semiconductor
DS1270W DALLAS-DS1270W_10 Datasheet
194Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Maxim Integrated Produc...
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
logo
NanoAmp Solutions, Inc.
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
Samsung semiconductor
K6F1616U6C SAMSUNG-K6F1616U6C Datasheet
156Kb / 10P
   16Mb(1M x 16 bit) Low Power SRAM
logo
Maxim Integrated Produc...
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com