Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42115 Datasheet(PDF) 3 Page - Micropac Industries

Part # 42115
Description  OPERATIONAL AMPLIFIER DSCC DWG 5962-9082801
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42115 Datasheet(HTML) 3 Page - Micropac Industries

  42115 Datasheet HTML 1Page - Micropac Industries 42115 Datasheet HTML 2Page - Micropac Industries 42115 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
42115
OPERATIONAL AMPLIFIER DESC DWG #5962-9082801
ELECTRICAL CHARACTERISTICS
TC = 25° C, VCC = ±36 VDC
unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
TC = 25°C
TC = -55°C to +125°C
±2
±10
±6
±65
mV
uV/ºC
Input Offset Voltage vs
Supply
VIO (VCC)
±30
±200
µV/V
Input Offset Voltage vs
Power
VIO (P)
±20
µV/W
Input Bias Current
IB+, IB-
TC = 25°C
TC = -55°C to +125°C
50
30
400
nA
pA/°C
Input Bias Current vs
Supply
IB (VCC)
10
pA/V
Input Offset Current
II0
TC = 25°C
TC = -55°C to +125°C
12
50
30
nA
pA/°C
Input Impendance
RIN
200
M
Gain Bandwidth Product
@ 1 MHz
GB
TC = 25°C
RL = 15Ω
6
MHz *
Power Bandwidth
PB
TC = 25°C
RL = 8Ω
15
23
KHz
Phase Margin
Im
-55°C to +125°C
RL = 15Ω
20
Degree *
Common Mode Rejection
Ratio
CMRR
VICM = ±9V
VCC = ±15V, RL = 500
-55°C to +125°C
96
DB
Output Voltage/ Voltage
Swing
V0
I0 = 10A, VCC = ±16V
RL = 1Ω
±10
V
Output Voltage Swing
V0
V0
TC = 25°C, I0 =5A
I0 = 80mA -55º to
+125ºC
±VCC –8
±VCC -5
4.0
V
V
Open Loop Gain
AV
RL = 1Kf = 10Hz
110
dB
Slew Rate @ 20% of V0
SR
RL = 100Ω, RCL = 0
VIN = 40 VP-P square
wave
f = 1kHz, V0 = 40 VP-P
2.5
5.0
V/
µS
Power Supply
VCC
-55°C to +125°C
±10
±40
±50
V
Quiescent Current
IS
VIN = 0.G = 100
8
15
30
mA


Similar Part No. - 42115

ManufacturerPart #DatasheetDescription
logo
Heyco.
4211 HEYCO-4211 Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
logo
API Delevan
4211-1 API-4211-1 Datasheet
2Mb / 1P
   Axial Leaded Filter Bead
4211-10 API-4211-10 Datasheet
2Mb / 1P
   Axial Leaded Filter Bead
4211-11 API-4211-11 Datasheet
2Mb / 1P
   Axial Leaded Filter Bead
4211-12 API-4211-12 Datasheet
2Mb / 1P
   Axial Leaded Filter Bead
More results

Similar Description - 42115

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42106 MICROPAC-42106 Datasheet
135Kb / 3P
   OPERATIONAL AMPLIFIER DSCC DWG 5962-8762001
42109 MICROPAC-42109 Datasheet
142Kb / 3P
   OPERATIONAL AMPLIFIER DSCC DWG 5962-9065901
51992 MICROPAC-51992 Datasheet
100Kb / 3P
   CURRENT DRIVER DSCC DWG 5962-87617
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
All Sensors Corporation
CFND ASC-CFND Datasheet
389Kb / 1P
   CFND Package Dwg
CFFD ASC-CFFD Datasheet
323Kb / 1P
   CFFD Package Dwg
logo
AVX Corporation
COTS-PLUS AVX-COTS-PLUS Datasheet
78Kb / 6P
   DSCC Dwgs 07016 & 95158
logo
All Sensors Corporation
CFNT ASC-CFNT Datasheet
405Kb / 1P
   CFNT Package Dwg
CFNQ ASC-CFNQ Datasheet
244Kb / 1P
   CFNQ Package Dwg
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com