Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4C4M4E9DJS Datasheet(PDF) 8 Page - Micron Technology

Part # MT4C4M4E9DJS
Description  4 MEG x 4 EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4E9DJS Datasheet(HTML) 8 Page - Micron Technology

Back Button MT4C4M4E9DJS Datasheet HTML 4Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 5Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 6Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 7Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 8Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 9Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 10Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 11Page - Micron Technology MT4C4M4E9DJS Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
8
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
AC ELECTRICAL CHARACTERISTICS
(Notes: 2, 3, 9, 10, 11, 12, 17) (VCC [MIN]
≤ VCC ≤ VCC [MAX])
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column address setup to CAS# precharge
tACH
12
15
ns
Column address hold time (referenced to RAS#)
tAR
38
45
ns
Column address setup time
tASC
0
0
ns
Row address setup time
tASR
0
0
ns
Column address to WE# delay time
tAWD
42
49
ns
13
Access time from CAS#
tCAC
13
15
ns
14
Column address hold time
tCAH
8
10
ns
CAS# pulse width
tCAS
8
10,000
10
10,000
ns
CAS# LOW to “don’t care” during Self Refresh
tCHD
15
15
ns
CAS# hold time (CBR Refresh)
tCHR
8
10
ns
7
CAS# to output in Low-Z
tCLZ
0
0
ns
Data output hold after next CAS# LOW
tCOH
3
3
ns
CAS# precharge time
tCP
8
10
ns
15
Access time from CAS# precharge
tCPA
28
35
ns
CAS# to RAS# precharge time
tCRP
5
5
ns
CAS# hold time
tCSH
38
45
ns
CAS# setup time (CBR Refresh)
tCSR
5
5
ns
CAS# to WE# delay time
tCWD
28
35
ns
13
Write command to CAS# lead time
tCWL
8
10
ns
Data-in hold time
tDH
8
10
ns
16
Data-in setup time
tDS
0
0
ns
16
Output disable
tOD
0
12
0
15
ns
Output Enable
tOE
12
15
ns
17
OE# hold time from WE# during
tOEH
8
10
ns
18
READ-MODIFY-WRITE cycle
OE# HIGH hold from CAS# HIGH
tOEHC
5
10
ns
18
OE# HIGH pulse width
tOEP
5
5
ns
OE# LOW to CAS# HIGH setup time
tOES
4
5
ns
Output buffer turn-off delay
tOFF
0
12
0
15
ns
20
CAPACITANCE
PARAMETER
SYMBOL
MAX
UNITS
NOTES
Input Capacitance: Address pins
CI1
5pF
8
Input Capacitance: RAS#, CAS#, WE#, OE#
CI2
7pF
8
Input/Output Capacitance: DQ
CIO
7pF
8


Similar Part No. - MT4C4M4E9DJS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C4M4A1 MICRON-MT4C4M4A1 Datasheet
360Kb / 20P
   DRAM
MT4C4M4A1DJ-6 MICRON-MT4C4M4A1DJ-6 Datasheet
360Kb / 20P
   DRAM
MT4C4M4A1DJ-6S MICRON-MT4C4M4A1DJ-6S Datasheet
360Kb / 20P
   DRAM
MT4C4M4A1TG-6 MICRON-MT4C4M4A1TG-6 Datasheet
360Kb / 20P
   DRAM
MT4C4M4A1TG-6S MICRON-MT4C4M4A1TG-6S Datasheet
360Kb / 20P
   DRAM
More results

Similar Description - MT4C4M4E9DJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4C4007J MICRON-MT4C4007J Datasheet
992Kb / 14P
   1 MEG x 4 DRAM 5V, EDO PAGE MODE, OPTIONAL SELF REFRESH
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT9LD272A MICRON-MT9LD272A Datasheet
412Kb / 30P
   2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com