Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4C4M4B1 Datasheet(PDF) 6 Page - Micron Technology

Part # MT4C4M4B1
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C4M4B1 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT4C4M4B1 Datasheet HTML 2Page - Micron Technology MT4C4M4B1 Datasheet HTML 3Page - Micron Technology MT4C4M4B1 Datasheet HTML 4Page - Micron Technology MT4C4M4B1 Datasheet HTML 5Page - Micron Technology MT4C4M4B1 Datasheet HTML 6Page - Micron Technology MT4C4M4B1 Datasheet HTML 7Page - Micron Technology MT4C4M4B1 Datasheet HTML 8Page - Micron Technology MT4C4M4B1 Datasheet HTML 9Page - Micron Technology MT4C4M4B1 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) [Vcc (MIN)
£ Vcc £ Vcc (MAX)]
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column-address hold time (referenced to RAS#)
tAR
38
45
ns
Column-address setup time
tASC
0
0
ns
Row-address setup time
tASR
0
0
ns
Column address to WE# delay time
tAWD
42
49
ns
18
Access time from CAS#
tCAC
13
15
ns
Column-address hold time
tCAH
8
10
ns
CAS# pulse width
tCAS
8
10,000
10
10,000
ns
CAS# LOW to “Don’t Care” during Self Refresh
tCHD
15
15
ns
CAS# hold time (CBR Refresh)
tCHR
8
10
ns
4
CAS# to output in Low-Z
tCLZ
0
0
ns
22
CAS# precharge time
tCP
8
10
ns
13
Access time from CAS# precharge
tCPA
28
35
ns
CAS# to RAS# precharge time
tCRP
5
5
ns
CAS# hold time
tCSH
38
45
ns
CAS# setup time (CBR Refresh)
tCSR
5
5
ns
4
CAS# to WE# delay time
tCWD
28
35
ns
18
WRITE command to CAS# lead time
tCWL
8
10
ns
Data-in hold time
tDH
8
10
ns
19
Data-in setup time
tDS
0
0
ns
19
Output disable
tOD
0
12
0
15
ns
22
Output enable
tOE
12
15
ns
20
OE# hold time from WE# during
tOEH
8
10
ns
READ-MODIFY-WRITE cycle
Output buffer turn-off delay
tOFF
0
12
0
15
ns
17, 22
OE# setup prior to RAS# during HIDDEN REFRESH cycle
tORD
0
0
ns
FAST-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
FAST-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
Access time from RAS#
tRAC
50
60
ns
RAS# to column-address delay time
tRAD
9
12
ns
15
Row-address hold time
tRAH
9
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (FAST PAGE MODE)
tRASP
50
125,000
60
125,000
ns
RAS# pulse width during Self Refresh
tRASS
100
100
µs
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
14
READ command hold time (referenced to CAS#)
tRCH
0
0
ns
16
READ command setup time
tRCS
0
0
ns
Refresh period (2,048 cycles)
tREF
32
32
ms
Refresh period (4,096 cycles)
tREF
64
64
ms


Similar Part No. - MT4C4M4B1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C4M4E8 MICRON-MT4C4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8DJ MICRON-MT4C4M4E8DJ Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8DJS MICRON-MT4C4M4E8DJS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8TG MICRON-MT4C4M4E8TG Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4C4M4E8TGS MICRON-MT4C4M4E8TGS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
More results

Similar Description - MT4C4M4B1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com