Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC32M4A2FC-8EL Datasheet(PDF) 9 Page - Micron Technology

Part # MT48LC32M4A2FC-8EL
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC32M4A2FC-8EL Datasheet(HTML) 9 Page - Micron Technology

Back Button MT48LC32M4A2FC-8EL Datasheet HTML 5Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 6Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 7Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 8Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 9Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 10Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 11Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 12Page - Micron Technology MT48LC32M4A2FC-8EL Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
FUNCTIONAL DESCRIPTION
In general, the 128Mb SDRAMs (8 Meg x 4 x 4 banks,
4 Meg x 8 x 4 banks and 2 Meg x 16 x 4 banks) are quad-
bank DRAMs that operate at 3.3V and include a synchro-
nous interface (all signals are registered on the positive
edge of the clock signal, CLK). Each of the x4’s 33,554,432-
bit banks is organized as 4,096 rows by 2,048 columns by
4 bits. Each of the x8’s 33,554,432-bit banks is organized
as 4,096 rows by 1,024 columns by 8 bits. Each of the x16’s
33,554,432-bit banks is organized as 4,096 rows by 512
columns by 16 bits.
Read and write accesses to the SDRAM are burst ori-
ented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an AC-
TIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed (BA0 and BA1 select the bank, A0-
A11 select the row). The address bits (x4: A0-A9, A11; x8:
A0-A9; x16: A0-A8) registered coincident with the READ
or WRITE command are used to select the starting col-
umn location for the burst access.
Prior to normal operation, the SDRAM must be initial-
ized. The following sections provide detailed informa-
tion covering device initialization, register definition,
command descriptions and device operation.
Initialization
SDRAMs must be powered up and initialized in a
predefined manner. Operational procedures other than
those specified may result in undefined operation. Once
power is applied to VDD and VDDQ (simultaneously) and
the clock is stable (stable clock is defined as a signal
cycling within timing constraints specified for the clock
pin), the SDRAM requires a 100µs delay prior to issuing
any command other than a COMMAND INHIBIT or NOP.
Starting at some point during this 100µs period and con-
tinuing at least through the end of this period, COM-
MAND INHIBIT or NOP commands should be applied.
Once the 100µs delay has been satisfied with at least
one COMMAND INHIBIT or NOP command having been
applied, a PRECHARGE command should be applied. All
banks must then be precharged, thereby placing the
device in the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles
must be performed. After the AUTO REFRESH cycles are
complete, the SDRAM is ready for mode register pro-
gramming. Because the mode register will power up in an
unknown state, it should be loaded prior to applying any
operational command.
Register Definition
MODE REGISTER
The mode register is used to define the specific mode
of operation of the SDRAM. This definition includes the
selection of a burst length, a burst type, a CAS latency, an
operating mode and a write burst mode, as shown in
Figure 1. The mode register is programmed via the LOAD
MODE REGISTER command and will retain the stored
information until it is programmed again or the device
loses power.
Mode register bits M0-M2 specify the burst length,
M3 specifies the type of burst (sequential or interleaved),
M4-M6 specify the CAS latency, M7 and M8 specify the
operating mode, M9 specifies the write burst mode, and
M10 and M11 are reserved for future use.
The mode register must be loaded when all banks are
idle, and the controller must wait the specified time
before initiating the subsequent operation. Violating ei-
ther of these requirements will result in unspecified op-
eration.
Burst Length
Read and write accesses to the SDRAM are burst ori-
ented, with the burst length being programmable, as
shown in Figure 1. The burst length determines the maxi-
mum number of column locations that can be accessed
for a given READ or WRITE command. Burst lengths of 1,
2, 4, or 8 locations are available for both the sequential
and the interleaved burst types, and a full-page burst is
available for the sequential type. The full-page burst is
used in conjunction with the BURST TERMINATE com-
mand to generate arbitrary burst lengths.
Reserved states should not be used, as unknown op-
eration or incompatibility with future versions may re-
sult.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected.
All accesses for that burst take place within this block,
meaning that the burst will wrap within the block if a
boundary is reached. The block is uniquely selected by
A1-A9, A11 (x4), A1-A9 (x8), or A1-A8 (x16) when the burst
length is set to two; by A2-A9, A11 (x4), A2-A9 (x8), or A2-
A8 (x16) when the burst length is set to four; and by A3-A9,
A11 (x4), A3-A9 (x8), or A3-A8 (x16) when the burst length
is set to eight. The remaining (least significant) address
bit(s) is (are) used to select the starting location within
the block. Full-page bursts wrap within the page if the
boundary is reached.


Similar Part No. - MT48LC32M4A2FC-8EL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M4A2-1 MICRON-MT48LC32M4A2-1 Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC32M4A2FC-8EL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com