Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS-3106-A-PHM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-3106-A-PHM
Description  Straight Cylindrical Plug Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-3106-A-PHM Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-3106-A-PHM Datasheet HTML 1Page - Glenair, Inc. ITS-3106-A-PHM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-112
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
B
© 2014 Glenair, Inc.
Application Notes:
1. Straight plug assembly with a PHM cable clamp.
2. Connector/Backshell Class “A” (non-environmental)—No grommet supplied.
Connector/Backshell Class “R” (environmental)—Supplied with wire sealing grommet.
3. Standardmaterialsconfigurationconsistsofaluminumalloy.Forplatings,seeTABLEIIfinishoptions.
4. Standardcontactmaterialconsistsofcopperalloywithsilverplatingorgoldplating.
5. Abroadrangeofmetricconnectoraccessoriesareavailable.
Seeourwebsiteand/orcontactthefactoryforcompleteinformation.
6. Standard insert material is synthetic rubber.
Add“FR”prefixtofrontofpartnumbertospecifyfireresistantinserts
ITS 3106 A (PHM) and ITS 4106 A (PHM)
Straight Cylindrical Plug Assembly
with Environmental PHM Cable Clamp
ITS G 31 06 A 20-27 P Y PHM11 XXX
Reverse Bayonet Coupling
GroundingFingers
(OmitforStandard)
ContactType
31 - Solder
41 - Crimp
06 - Straight Plug
Connector/Backshell Class
A-Non-Environmental;Supplied
with Backshell Only
R-Environmental;Supplied
with Backshell and Grommet
ModCodeOption(SeeTableII)
PHM Size
Alternate Insert Rotation (W, X, Y, Z)
OmitforNormal(SeeSectionA)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Section A)
ØQ
L
Rev. 8-2014


Similar Part No. - ITS-3106-A-PHM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3106-A-PHM-EMI67 GLENAIR-ITS-3106-A-PHM-EMI67 Datasheet
177Kb / 2P
   Straight Cylindrical Plug Assembly
More results

Similar Description - ITS-3106-A-PHM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3106GFK GLENAIR-ITSG3106GFK Datasheet
662Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106F GLENAIR-ITSG3106F Datasheet
785Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-M GLENAIR-ITS-3106-A-M Datasheet
153Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PG GLENAIR-ITS-3106-A-PG Datasheet
154Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-F GLENAIR-ITS-3106-F Datasheet
172Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106AFK GLENAIR-ITSG3106AFK Datasheet
1Mb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106SPFK GLENAIR-ITSG3106SPFK Datasheet
308Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A GLENAIR-ITS-3106-A Datasheet
225Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM-EMI67 GLENAIR-ITS-3106-A-PHM-EMI67 Datasheet
177Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-SP GLENAIR-ITS-3106-SP Datasheet
255Kb / 2P
   Straight Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com