Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-1603-ABA-CD-B2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KAF-1603-ABA-CD-B2
Description  FULL FRAME CCD IMAGE SENSOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-1603-ABA-CD-B2 Datasheet(HTML) 4 Page - ON Semiconductor

  KAF-1603-ABA-CD-B2 Datasheet HTML 1Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 2Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 3Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 4Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 5Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 6Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 7Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 8Page - ON Semiconductor KAF-1603-ABA-CD-B2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
KAF-1603 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0036 Pg 4
Summary Specification
KAF-1603 Image Sensor
DESCRIPTION
The KAF-1603 Image Sensor is a high performance
monochrome area CCD (charge-coupled device) image
sensor with 1536 H x 1024 V photoactive pixels designed
for a wide range of image sensing applications.
The sensor incorporates true two-phase CCD technology,
simplifying the support circuits required to drive the
sensor as well as reducing dark current without
compromising charge capacity. The sensor also utilizes
the TRUESENSE Transparent Gate Electrode to improve
sensitivity compared to the use of a standard front side
illuminated polysilicon electrode.
Optional microlenses focus the majority of the light
through the transparent gate, increasing the optical
response further.
FEATURES
True Two Phase Full Frame Architecture
TRUESENSE Transparent Gate Electrode for high
sensitivity
APPLICATION
Scientific Imaging
Parameter
Typical Value
Architecture
Full Frame CCD
Total Number of Pixels
1552 (H) x 1032 (V)
Number of Active Pixels
1536 (H) x 1024 (V) = approx. 1.6 M
Pixel Size
9.0 µm (H) x 9.0 µm (V)
Active Image Size
13.8 mm (H) x 9.2 mm (V)
Die Size
15.5 mm (H) x 10 mm (V)
Aspect Ratio
3:2
Saturation Signal
100,000 electrons
Output Sensitivity
10 µV/e
-
Quantum Efficiency
(with microlens)
Peak:
77%
400 nm:
45%
Quantum Efficiency
(no microlens)
Peak:
65%
400 nm:
30%
Read Noise
15 electrons
Dark Current (T = 25 °C)
<10 pA/cm
2
Dark Current Doubling
Temperature
6.3 °C
Dynamic Range
74 dB
Charge Transfer Efficiency
>0.99999
Blooming Suppression
None
Maximum Data Rate
10 MHz
Package
CERDIP Package (sidebrazed)
Cover Glass
Clear or AR coated, 2sides
Parameters above are specified at 25 °C, unless otherwise noted.


Similar Part No. - KAF-1603-ABA-CD-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-1603-ABA-CD-B2 ONSEMI-KAF-1603-ABA-CD-B2 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
More results

Similar Description - KAF-1603-ABA-CD-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com