Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4H0842 Datasheet(PDF) 11 Page - ON Semiconductor

Part # 4H0842
Description  FULL FRAME CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

4H0842 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button 4H0842 Datasheet HTML 7Page - ON Semiconductor 4H0842 Datasheet HTML 8Page - ON Semiconductor 4H0842 Datasheet HTML 9Page - ON Semiconductor 4H0842 Datasheet HTML 10Page - ON Semiconductor 4H0842 Datasheet HTML 11Page - ON Semiconductor 4H0842 Datasheet HTML 12Page - ON Semiconductor 4H0842 Datasheet HTML 13Page - ON Semiconductor 4H0842 Datasheet HTML 14Page - ON Semiconductor 4H0842 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
KAF-1001 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0033 Pg 11
Notes:
1.
Point where the output saturates when operated with nominal voltages.
2.
Signal level at the onset of blooming in the vertical (parallel) CCD register
3.
Maximum signal level at the output of the high dynamic range output. This signal level will only be achieved when binning
pixels containing large signals.
4.
None of 64 sub arrays (128 x 128) exceed the maximum dark current specification.
5.
For 2 MHz data rate and T = 30 °C to -40 °C.
6.
Using maximum CCD frequency and/or minimum CCD transfer times may compromise performance
7.
Time between the rising edge of φV1 and the first falling edge of φH1
8.
At Tintegration = 0; data rate = 1 MHz; temperature = -30 °C
9.
Uses 20LOG (Ne
-
sat / ne
-
total) where Ne
-
sat refers to the amplifier saturation signal.
10. A parameter that is measured on every sensor during production testing.
11. A parameter that is quantified during the design verification activity.


Similar Part No. - 4H0842

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
4H0260 ONSEMI-4H0260 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
4H0261 ONSEMI-4H0261 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
4H0402 ONSEMI-4H0402 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
logo
Cooper Bussmann, Inc.
4H07-660 COOPER-4H07-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 4H0842

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com