Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-1020 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-1020
Description  Interline CCD Image Sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1020 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-1020 Datasheet HTML 1Page - ON Semiconductor KAI-1020 Datasheet HTML 2Page - ON Semiconductor KAI-1020 Datasheet HTML 3Page - ON Semiconductor KAI-1020 Datasheet HTML 4Page - ON Semiconductor KAI-1020 Datasheet HTML 5Page - ON Semiconductor KAI-1020 Datasheet HTML 6Page - ON Semiconductor KAI-1020 Datasheet HTML 7Page - ON Semiconductor KAI-1020 Datasheet HTML 8Page - ON Semiconductor KAI-1020 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 4
1
Publication Order Number:
KAI−1020/D
KAI-1020
1000 (H) x 1000 (V) Interline
CCD Image Sensor
Description
The KAI−1020 Image Sensor is a one megapixel interline CCD with
integrated clock drivers and on-chip correlated double sampling.
The progressive scan architecture and global electronic shutter
provide excellent image quality for full motion video and still image
capture.
The integrated clock drivers allow for easy integration with CMOS
logic timing generators. The sensor features a fast line dump for
high-speed sub-window readout and single (30 fps) or dual (48 fps)
output operation.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
1028 (H)
× 1008 (V)
Number of Effective Pixels
1004 (H)
× 1004 (V)
Number of Active Pixels
1000 (H)
× 1000 (V)
Number of Outputs
1 or 2
Pixel Size
7.4
mm (H) × 7.4 mm (V)
Active Image Size
7.4 mm (H)
× 7.4 mm (V)
10.5 mm (Diagonal)
2/3
″ Optical Format
Aspect Ratio
1:1
Saturation Signal
40,000 e
Output Sensitivity
12
mV/e
Quantum Efficiency
ABA (500 nm)
CBA (620 nm, 540 nm, 460 nm)
FBA (600 nm, 540 nm, 460 nm)
44%
33%, 39%, 41%
39%, 42%, 44%
Dark Noise
50 erms
Dark Current (Typical)
< 0.5 nA/cm2
Dynamic Range
58 dB
Blooming Suppression
100 X
Image Lag
< 10 e
Smear
< 0.03%
Maximum Data Rate
40 MHz/Channel (2 Channels)
Frame Rate
Progressive Scan, One Output
Progressive Scan, Dual Outputs
Interlaced Scan, One Output
30 fps
48 fps
49 fps
Integrated Vertical Clock Driver
Integrated Correlated Double Sampling (CDS)
Integrated Electronic Shutter Driver
Package
68 Pin PGA or 64 Pin CLCC
Cover Glass
AR Coated, 2 Sides
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
10-Bits Dynamic Range at 40 MHz
Large 7.4 mm Square Pixels for High
Sensitivity
Progressive Scan (Non-Interlaced)
Integrated Correlated Double Sampling
(CDS) Up to 40 MHz
Integrated Electronic Shutter Driver
Reversible HCCD Capable of 40 MHz
Operation All Timing Inputs 0 to 5 V
Single or Dual Video Output Operation
Progressive Scan or Interlaced
Fast Dump Gate for High Speed
Sub-Window Readout
Anti-Blooming Protection
Applications
Machine Vision
Medical
Scientific
Surveillance
www.onsemi.com
Figure 1. KAI−1020 Interline
CCD Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-1020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1003 ONSEMI-KAI-1003 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-AE ONSEMI-KAI-1003-AAA-CR-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-B2 ONSEMI-KAI-1003-AAA-CR-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-AE ONSEMI-KAI-1003-ABA-CD-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-B2 ONSEMI-KAI-1003-ABA-CD-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
More results

Similar Description - KAI-1020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com