Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-1001-AAA-CP-AE Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAF-1001-AAA-CP-AE
Description  FULL FRAME CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-1001-AAA-CP-AE Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAF-1001-AAA-CP-AE Datasheet HTML 5Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 6Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 7Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 8Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 9Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 10Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 11Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 12Page - ON Semiconductor KAF-1001-AAA-CP-AE Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
KAF-1001 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0033 Pg 9
Pin
Name
Description
Pin
Name
Description
1
Substrate
Substrate
14
φH21
Last Horizontal (Serial) CCD Phase - Split
Gate
2
φV2
Vertical (Parallel) CCD Clock – Phase 2
15
φH22
Last Horizontal (Serial) CCD Phase - Split
Gate
3
φV1
Vertical (Parallel) CCD Clock – Phase 1
16
φH1
Horizontal (Serial) CCD Clock - Phase 1
4
Substrate
Substrate
17
φH2
Horizontal (Serial) CCD Clock - Phase 2
5
VOUT2
Video Output from High Sensitivity Two-Stage Amplifier
18
N/C
No Connection
6
VDD2
High Sensitivity Two-Stage Amplifier Supply
19
N/C
No Connection
7
VLG
First Stage Load Transistor Gate for Two-Stage Amplifier
20
N/C
No Connection
8
VSS
Output Amplifier Return
21
φV2
Vertical (Parallel) CCD Clock – Phase 2
9
φR
Reset Clock
22
φV1
Vertical (Parallel) CCD Clock – Phase 1
10
VRD
Reset Drain
23
Guard
Guard Ring
11
VDD1
High Dynamic Range Single-Stage Amplifier Supply
24
φV1
Vertical (Parallel) CCD Clock – Phase 1
12
VOUT1
Video Output from High Dynamic Range Single-Stage
Amplifier
25
φV2
Vertical (Parallel) CCD Clock – Phase 2
13
OG
Output Gate
26
Substrate
Substrate
Notes:
1.
Pins 3, 22, and 24 must be connected together - only one Phase 1 clock driver is required.
2.
Pins 2, 21, and 25 must be connected together - only one Phase 2 clock driver is required.


Similar Part No. - KAF-1001-AAA-CP-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
More results

Similar Description - KAF-1001-AAA-CP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com