Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-01050-ABA-FD-BA Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-01050-ABA-FD-BA
Description  Interline CCD Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-01050-ABA-FD-BA Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-01050-ABA-FD-BA Datasheet HTML 1Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 2Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 3Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 4Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 5Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 6Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 7Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 8Page - ON Semiconductor KAI-01050-ABA-FD-BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 5
1
Publication Order Number:
KAI−01050/D
KAI-01050
1024 (H) x 1024 (V) Interline
CCD Image Sensor
Description
The KAI−01050 Image Sensor is a 1−megapixel CCD in a 1/2”
optical format. Based on the TRUESENSE 5.5 micron Interline
Transfer CCD Platform, the sensor features broad dynamic range,
excellent imaging performance, and a flexible readout architecture
that enables use of 1, 2, or 4 outputs for full resolution readout up to
120 frames per second. A vertical overflow drain structure suppresses
image blooming and enables electronic shuttering for precise exposure
control. Other features include low dark current, negligible lag, and
low smear.
The sensor shares common pin−out and electrical configurations
with other devices based on the TRUESENSE 5.5 micron Interline
Transfer CCD Platform, allowing a single camera design to support
multiple members of this sensor family.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
1084 (H) × 1064 (V)
Number of Effective Pixels
1040 (H) × 1040 (V)
Number of Active Pixels
1024 (H) × 1024 (V)
Pixel Size
5.5 mm (H) × 5.5 mm (V)
Active Image Size
5.632 mm (H) × 5.632 mm (V)
7.96 mm (diagonal), 1/2″ Optical Format
Aspect Ratio
1:1
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
34 mV/e
Quantum Efficiency
Monochrome
(−ABA)
R, G, B
(−FBA)
R, G, B
(−CBA)
44%
31%, 37%, 38%
29%, 37%, 39%
Read Noise (f = 40 MHz)
12 erms
Dark Current
Photodiode / VCCD
7 / 140 e/s
Dark Current Doubling Temp
Photodiode / VCCD
7°C / 9°C
Dynamic Range
64 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rate
Quad / Dual / Single Output
120 / 60 / 30 fps
Package
68 Pin PGA
64 Pin CLCC
Cover Glass
AR Coated, 2-Sides
NOTE: All Parameters are specified at T = 40°C unless otherwise noted.
Features
Color or Monochrome Configurations
Progressive Scan Readout
Flexible Readout Architecture
High Frame Rate
High Sensitivity
Low Noise Architecture
Excellent Smear Performance
Package Pin Reserved for Device
Identification
Applications
Industrial Imaging
Medical Imaging
Security
www.onsemi.com
Figure 1. KAI−01050 Interline CCD
Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-01050-ABA-FD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-01150-ABA-FD-AE ONSEMI-KAI-01150-ABA-FD-AE Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-01150-ABA-FD-BA ONSEMI-KAI-01150-ABA-FD-BA Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-01150-ABA-JD-AE ONSEMI-KAI-01150-ABA-JD-AE Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-01150-ABA-JD-BA ONSEMI-KAI-01150-ABA-JD-BA Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
More results

Similar Description - KAI-01050-ABA-FD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com