Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KEK-4H0080-KAF-1001-12-5 Datasheet(PDF) 7 Page - ON Semiconductor

Part # KEK-4H0080-KAF-1001-12-5
Description  FULL FRAME CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KEK-4H0080-KAF-1001-12-5 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KEK-4H0080-KAF-1001-12-5 Datasheet HTML 3Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 4Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 5Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 6Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 7Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 8Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 9Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 10Page - ON Semiconductor KEK-4H0080-KAF-1001-12-5 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
KAF-1001 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0033 Pg 7
Vlg
Floating
Diffusion
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Vrd
R
Vog
H1L
H1
H2
VDD
Vout
H2
Figure 2: Output Schematic
IMAGE ACQUISITION
An image is acquired when incident light, in the form of photons, falls on the array of pixels in the vertical CCD register
and creates electron-hole pairs (or simply electrons) within the silicon substrate. This charge is collected locally by the
formation of potential wells created at each pixel site by induced voltages on the vertical register clock lines (φV1,
φV2). These same clock lines are used to implement the transport mechanism as well. The amount of charge collected
at each pixel is linearly dependent on light level and exposure time and non-linearly dependent on wavelength until
the potential well capacity is exceeded. At this point charge will 'bloom' into vertically adjacent pixels.
CHARGE TRANSPORT
Integrated charge is transported to the output in a two-step process. Rows of charge are first shifted line by line into
the horizontal CCD. 'Lines' of charge are then shifted to the output pixel by pixel. Referring to the timing diagram,
integration of charge is performed with φV1 and φV2 held low. Transfer to horizontal CCD begins when φV1 is
brought high causing charge from the φV1 and φV2 gates to combine under the φV1 gate.
φV1 and φV2 now reverse their polarity causing the charge packets to 'spill' forward under the φV2 gate of the next
pixel. The rising edge of φV2 also transfers the first line of charge into the horizontal CCD. A second phase transition
places the charge packets under the φV1 electrode of the next pixel. The sequence completes when φV1 is brought
low. Clocking of the vertical register in this way is known as accumulation mode clocking. Next, the horizontal CCD
reads out the first line of charge using traditional complementary clocking (using φH1 and φH2 pins) as shown. The
falling edge of φH2 forces a charge packet over the output gate (OG) onto one of the output nodes (floating diffusion)
which controls the output amplifier. The cycle repeats until all lines are read.


Similar Part No. - KEK-4H0080-KAF-1001-12-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KEK-4H0081-KAF-0261-12-5 ONSEMI-KEK-4H0081-KAF-0261-12-5 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - KEK-4H0080-KAF-1001-12-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com