Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-1020-FBA-FD-AE Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAI-1020-FBA-FD-AE
Description  Interline CCD Image Sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1020-FBA-FD-AE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAI-1020-FBA-FD-AE Datasheet HTML 6Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 7Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 8Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 9Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 10Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 11Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 12Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 13Page - ON Semiconductor KAI-1020-FBA-FD-AE Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
KAI−1020
www.onsemi.com
10
Table 6. SPECIFICATIONS (continued)
Description
Sampling
Plan*
Notes
Unit
Max.
Nom.
Min.
Symbol
POWER
Single Channel CDS
213
mW
12
VCCD clock driver
71
mW
16
Electronic shutter driver
1.1
mW
HCCD
122
mW
16, 17
Total Power
407
mW
12, 16
*Sampling plan defined as “Die” indicates that every device is verified against the specified performance limits. Sampling plan defined as
“Design” indicates a sampled test or characterization, at the discretion of ON Semiconductor, against the specified performance limits.
1. Measured with F/4 imaging optics.
2. Value is the angular range of incident light for which the quantum efficiency is at least 50% of QEMAX at a wavelength of lQE. Angles are
measured with respect to the sensor surface normal in a plane parallel to the horizontal axis (
QQEH) or in a plane parallel to the vertical axis
(
QQEV).
3. Value is over the range of 10% to 90% of photodiode saturation.
4. Value is for the sensor operated without binning.
5. This value depends on the substrate voltage setting. Higher photodiode saturation charge capacities will lower the anti-blooming
specification. Substrate voltage will be specified with each part for 42 ke.
6. Measured at 40
°C, 40 MHz HCCD frequency.
7. This is the first field decay lag at 70% saturation. Measured by strobe illumination of the device at 70% of photodiode saturation, and then
measuring the subsequent frame’s average pixel output in the dark.
8. Measured with a spot size of 100 vertical pixels, no electronic shutter.
9. Measured with green light (500 nm to 580 nm).
10. A blooming condition is defined as when the spot size doubles in size.
11. Anti-blooming factor is the light intensity which causes blooming divided by the light intensity which first saturates the photodiodes.
12. Single output power, 3 mA load.
13. With total output load capacitance of CL= 10 pF between the outputs and AC ground.
14. Includes system electronics noise, dark pattern noise and dark current shot noise at 40 MHz. Total noise measured on the KAI−1020
evaluation board.
15. Uses 20LOG (Pne /ne−T)
16. At 30 frames/sec, single output.
17. This includes the power of the external HCCD clock driver.
18. For the sampling plan, measured at 10 MHz
19. Tested at 27
°C and 40°C
20. See Tests


Similar Part No. - KAI-1020-FBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1003 ONSEMI-KAI-1003 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-AE ONSEMI-KAI-1003-AAA-CR-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-B2 ONSEMI-KAI-1003-AAA-CR-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-AE ONSEMI-KAI-1003-ABA-CD-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-B2 ONSEMI-KAI-1003-ABA-CD-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
More results

Similar Description - KAI-1020-FBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com