Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-01150-FBA-FD-AE Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-01150-FBA-FD-AE
Description  Interline CCD Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-01150-FBA-FD-AE Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-01150-FBA-FD-AE Datasheet HTML 1Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 2Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 3Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 4Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 5Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 6Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 7Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 8Page - ON Semiconductor KAI-01150-FBA-FD-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 5
1
Publication Order Number:
KAI−01150/D
KAI-01150
1280 (H) x 720 (V) Interline
CCD Image Sensor
Description
The ON Semiconductor KAI−01150 Image Sensor is a 720p format
(1280 x 720 pixel) CCD in a 1/2” optical format. Based on the
TRUESENSE 5.5 micron Interline Transfer CCD Platform, the sensor
features broad dynamic range, excellent imaging performance, and a
flexible readout architecture that enables use of 1, 2, or 4 outputs for
full resolution readout of 138 frames per second. A vertical overflow
drain structure suppresses image blooming and enables electronic
shuttering for precise exposure control.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
1364 (H) × 760 (V)
Number of Effective Pixels
1320 (H) × 736 (V)
Number of Active Pixels
1280 (H) × 720 (V)
Pixel Size
5.5 mm (H) × 5.5 mm (V)
Active Image Size
7.04 mm (H) × 3.96 mm (V)
8.08 mm (diag.), 1/2″ Optical Format
Aspect Ratio
16:9
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
34 mV/e
Quantum Efficiency
Pan
(−ABA, −QBA, −PBA)
R, G, B (−FBA, −QBA)
R, G, B (−CBA, −PBA)
44%
31%, 37%, 38%
29%, 37%, 39%
Base ISO
KAI−01150−ABA
KAI−01150−FBA
KAI−01150−CBA
KAI−01150−PBA
330
170
150
330
Read Noise (f = 40 MHz)
12 erms
Dark Current
Photodiode / VCCD
7 / 140 e/s
Dark Current Doubling Temp
Photodiode / VCCD
7°C / 9°C
Dynamic Range
64 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rate
Quad / Dual / Single Output
138 / 69 / 36 fps
Package Options
68 Pin PGA
64 Pin CLCC
Cover Glass
AR Coated, 2-Sides or
Clear Glass
NOTE: All Parameters are specified at T = 40°C unless otherwise noted.
Features
Bayer Color Pattern, TRUESENSE Sparse
Color Filter Pattern, and Monochrome
Configurations
Progressive Scan Readout
Flexible Readout Architecture
High Frame Rate
High Sensitivity
Low Noise Architecture
Excellent Smear Performance
Package Pin Reserved for Device
Identification
Applications
Intelligent Traffic Systems
Security / Surveillance
Industrial Imaging
www.onsemi.com
Figure 1. KAI−01150 Interline CCD
Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-01150-FBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-FD-AE ONSEMI-KAI-01050-ABA-FD-AE Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-FD-BA ONSEMI-KAI-01050-ABA-FD-BA Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-JD-AE ONSEMI-KAI-01050-ABA-JD-AE Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-JD-BA ONSEMI-KAI-01050-ABA-JD-BA Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
More results

Similar Description - KAI-01150-FBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com