Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-01150-QBA-FD-AE Datasheet(PDF) 5 Page - ON Semiconductor

Part # KAI-01150-QBA-FD-AE
Description  Interline CCD Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-01150-QBA-FD-AE Datasheet(HTML) 5 Page - ON Semiconductor

  KAI-01150-QBA-FD-AE Datasheet HTML 1Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 2Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 3Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 4Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 5Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 6Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 7Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 8Page - ON Semiconductor KAI-01150-QBA-FD-AE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
KAI−01150
www.onsemi.com
5
Bayer Color Filter Pattern
Figure 3. Bayer Color Filter Pattern
22
12 Dark
12
20
V1B
8 Buffer
20
8
22
1 Dummy
1 Dummy
640
640
640
640
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
1
22 20
10
1
22
20
10
1
22 20
10
1
22
20
10
DevID
1280 (H) × 720 (V)
5.5 mm × 5.5 mm Pixels
(Last VCCD Phase = V1 → H1S)
G
B
G R
G
B
G R
G
B
G R
G
B
G R
TRUESENSE Sparse Color Filter Pattern
Figure 4. TRUESENSE Sparse Color Filter Pattern
22
12 Dark
12
20
V1B
8 Buffer
20
8
22
1 Dummy
1 Dummy
640
640
640
640
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
1
22 20
10
1
22
20
10
1
22 20
10
1
22
20
10
DevID
1280 (H) × 720 (V)
5.5 mm × 5.5 mm Pixels
(Last VCCD Phase = V1 → H1S)
P
G
P G
P
R
P R
P
B
P B
P
G
P G
P
G
P G
P
R
P R
P
B
P B
P
G
P G
P
G
P G
P
R
P R
P
B
P B
P
G
P G
P
G
P G
P
R
P R
P
B
P B
P
G
P G


Similar Part No. - KAI-01150-QBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-FD-AE ONSEMI-KAI-01050-ABA-FD-AE Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-FD-BA ONSEMI-KAI-01050-ABA-FD-BA Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-JD-AE ONSEMI-KAI-01050-ABA-JD-AE Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01050-ABA-JD-BA ONSEMI-KAI-01050-ABA-JD-BA Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
More results

Similar Description - KAI-01150-QBA-FD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com