Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9F002I12-N4000-DP Datasheet(PDF) 10 Page - ON Semiconductor

Part # MT9F002I12-N4000-DP
Description  CMOS Digital Image Sensor
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9F002I12-N4000-DP Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MT9F002I12-N4000-DP Datasheet HTML 6Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 7Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 8Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 9Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 10Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 11Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 12Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 13Page - ON Semiconductor MT9F002I12-N4000-DP Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
MT9F002 DS Rev. H Pub. 6/15 EN
10
©Semiconductor Components Industries, LLC,2015.
MT9F002: 1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Operating Modes
Operating Modes
By default, the MT9F002 powers up with the serial pixel data interface enabled. The
sensor can operate in serial HiSPi or parallel mode.
For low-noise operation, the MT9F002 requires separate power supplies for analog and
digital power. Incoming digital and analog ground conductors should be placed in such
a way that coupling between the two are minimized. Both power supply rails should also
be routed in such a way that noise coupling between the two supplies and ground is
minimized.
Caution
ON Semiconductor does not recommend the use of inductance filters on the power supplies
or output signals.
Figure 5:
Typical Configuration: Serial Four-Lane HiSPi Interface
Notes:
1. All power supplies should be adequately decoupled. ON Semiconductor recommends having 1.0F
and 0.1F decoupling capacitors for every power supply.
2. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. The GPI pins can be statically pulled HIGH or LOW and can be programmed to perform special func-
tions (TRIGGER/VD, OE_BAR, SADDR, STANDBY) to be dynamically controlled. GPI pads can be left
floating, when not used.
5. VPP, which is not shown in Figure 5, is left unconnected during normal operation.
VDD_IO
VDD_TX
VDD_PLL
VDD
VAA
VAA
VAA_PIX
Master clock
(2–64 MHz)
SDATA
SCLK
RESET_BAR
TEST
EXTCLK
DGND
AGND
Digital
ground
Analog
ground
Digital
Core
power1
HiSPi
PHY I/O
power1, 10
Analog
power1
To
controller
From
controller
PLL
power1
Digital
I/O
power1
Analog
power1
VAA_PIX
SLVSC_N
SLVSC_P
SLVS_0P
SLVS_0N
SLVS_1P
SLVS_1N
SLVS_2P
SLVS_2N
SLVS_3P
SLVS_3N
FLASH
SHUTTER
GPI[3:0]4
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF


Similar Part No. - MT9F002I12-N4000-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002I12-N4000-DP1 ONSEMI-MT9F002I12-N4000-DP1 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9F002I12-N4000-DP1 ONSEMI-MT9F002I12-N4000-DP1 Datasheet
661Kb / 61P
   1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
More results

Similar Description - MT9F002I12-N4000-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com