Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9J003D00STMUC2CBC1-200 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MT9J003D00STMUC2CBC1-200
Description  CMOS Digital Image Sensor
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9J003D00STMUC2CBC1-200 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MT9J003D00STMUC2CBC1-200 Datasheet HTML 7Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 8Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 9Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 10Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 11Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 12Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 13Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 14Page - ON Semiconductor MT9J003D00STMUC2CBC1-200 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
MT9J003-DS Rev. E 5/15 EN
11
©Semiconductor Components Industries, LLC,2015.
MT9J003: 1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Signal Descriptions
Signal Descriptions
Table 1 provides signal descriptions for MT9J003 die. For pad location and aperture
information, refer to the MT9J003 die data sheet.
Table 1:
Signal Descriptions
Pad Name
Pad Type
Description
EXTCLK
Input
Master clock input, 6–48 MHz.
RESET_BAR
(XSHUTDOWN)
Input
Asynchronous active LOW reset. When asserted, data output stops and all internal registers are
restored to their factory default settings.
SCLK
Input
Serial clock for access to control and status registers.
GPI[3:0]
Input
General purpose inputs. After reset, these pads are powered-down by default; this means that it is
not necessary to bond to these pads. Any of these pads can be configured to provide hardware
control of the standby, output enable, SADDR select, and shutter trigger functions.
Can be left floating if not used.
TEST
Input
Enable manufacturing test modes. It should not be left floating. It can be tied to ground or VDD_IO
when used in parallel or HiSPi. It should be connected to DGND for normal operation of the CCP2
configured sensor, or connected to VDD_IO power for the MIPI®-configured sensor.
SDATA
I/O
Serial data from READs and WRITEs to control and status registers.
LINE_VALID
Output
LINE_VALID (LV) output. Qualified by PIXCLK.
FRAME_VALID
Output
FRAME_VALID (FV) output. Qualified by PIXCLK.
DOUT[11:0]
Output
Parallel pixel data output. Qualified by PIXCLK.
PIXCLK
Output
Pixel clock. Used to qualify the LV, FV, and DOUT[11:0] outputs.
FLASH
Output
Flash output. Synchronization pulse for external light source. Can be left floating if not used.
SHUTTER
Output
Control for external mechanical shutter. Can be left floating if not used.
VPP
Supply
Power supply used to program one-time programmable (OTP) memory. Disconnect pad when not
programming or when feature is not used.
VDD_TX0
Supply
PHY power supply. Digital power supply for the MIPI or CCP2 serial data interface. ON
Semiconductor recommends that VDD_TX0 is always tied to VDD when using an unpackaged
sensor.
VDD_SLVS
Supply
HiSPi power supply for data and clock output. This should be tied to VDD
VDD_SLVS_TX
Supply
Digital power supply for the HiSPi I/O.
VAA
Supply
Analog power supply.
VAA_PIX
Supply
Analog power supply for the pixel array.
AGND
Supply
Analog ground.
VDD
Supply
Digital power supply.
VDD_IO
Supply
I/O power supply.
DGND
Supply
Common ground for digital and I/O.
VDD_PLL
Supply
PLL power supply.
GND_PLL
Supply
PLL ground.
PIXGND
Supply
Pixel ground.
SLVS_0P
Output
Lane 1 differential HiSPi (LVDS) serial data (positive). Qualified by the SLVS serial clock.
SLVS_0N
Output
Lane 1 differential HiSPi (LVDS) serial data (negative). Qualified by the SLVS serial clock.
SLVS_1P
Output
Lane 2 differential HiSPi (LVDS) serial data (positive). Qualified by the SLVS serial clock.
SLVS_1N
Output
Lane 2 differential HiSPi (LVDS) serial data (negative). Qualified by the SLVS serial clock.
SLVS_2P
Output
Lane 3 differential HiSPi (LVDS) serial data (positive). Qualified by the SLVS serial clock.
SLVS_2N
Output
Lane 3 differential HiSPi (LVDS) serial data (negative). Qualified by the SLVS serial clock.


Similar Part No. - MT9J003D00STMUC2CBC1-200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9J003D00STMUC2CBC1-200 ONSEMI-MT9J003D00STMUC2CBC1-200 Datasheet
456Kb / 55P
   1/2.3?륤nch 10 Mp CMOS Digital Image Sensor
February, 2017 ??Rev. 5
More results

Similar Description - MT9J003D00STMUC2CBC1-200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com