Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M024 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MT9M024
Description  CMOS Digital Image Sensor
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M024 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MT9M024 Datasheet HTML 6Page - ON Semiconductor MT9M024 Datasheet HTML 7Page - ON Semiconductor MT9M024 Datasheet HTML 8Page - ON Semiconductor MT9M024 Datasheet HTML 9Page - ON Semiconductor MT9M024 Datasheet HTML 10Page - ON Semiconductor MT9M024 Datasheet HTML 11Page - ON Semiconductor MT9M024 Datasheet HTML 12Page - ON Semiconductor MT9M024 Datasheet HTML 13Page - ON Semiconductor MT9M024 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
MT9M024_DS Rev. G Pub. 4/15 EN
10
©Semiconductor Components Industries, LLC,2015.
MT9M024: 1/3-Inch CMOS Digital Image Sensor
Functional Overview
Table 1:
Pin Descriptions, 9 x 9 mm, 63-ball iBGA
Name
iBGA Pin
Type
Description
SLVS0N
A2
Output
HiSPi serial data, lane 0, differential N.
SLVS0P
A3
Output
HiSPi serial data, lane 0, differential P.
SLVS1N
A4
Output
HiSPi serial data, lane 1, differential N.
SLVS1P
A5
Output
HiSPi serial data, lane 1, differential P.
STANDBY
A8
Input
Standby-mode enable pin (active HIGH).
VDD_PLL
B1
Power
PLL power.
SLVSCN
B2
Output
HiSPi serial DDR clock differential N.
SLVSCP
B3
Output
HiSPi serial DDR clock differential P.
SLVS2N
B4
Output
HiSPi serial data, lane 2, differential N.
SLVS2P
B5
Output
HiSPi serial data, lane 2, differential P.
VAA
B7, B8
Power
Analog power.
EXTCLK
C1
Input
External input clock.
VDD_SLVS
C2
Power
HiSPi power.
SLVS3N
C3
Output
HiSPi serial data, lane 3, differential N.
SLVS3P
C4
Output
HiSPi serial data, lane 3, differential P.
DGND
C5, D4, D5, E5, F5, G5, H5
Power
Digital ground.
VDD
A6, A7, B6, C6, D6
Power
Digital power.
AGND
C7, C8
Power
Analog ground.
SADDR
D1
Input
Two-Wire Serial address select.
SCLK
D2
Input
Two-Wire Serial clock input.
SDATA
D3
I/O
Two-Wire Serial data I/O.
VAA_PIX
D7, D8
Power
Pixel power.
LINE_VALID
E1
Output
Asserted when DOUT line data is valid.
FRAME_VALID
E2
Output
Asserted when DOUT frame data is valid.
PIXCLK
E3
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
VDD_IO
E6, F6, G6, H6, H7
Power
I/O supply power.
DOUT8
F1
Output
Parallel pixel data output.
DOUT9
F2
Output
Parallel pixel data output.
DOUT10
F3
Output
Parallel pixel data output.
DOUT11
F4
Output
Parallel pixel data output (MSB)
TEST
F7
Input.
Manufacturing test enable pin (connect to DGND).
DOUT4
G1
Output
Parallel pixel data output.
DOUT5
G2
Output
Parallel pixel data output.
DOUT6
G3
Output
Parallel pixel data output.
DOUT7
G4
Output
Parallel pixel data output.
TRIGGER
G7
Input
Exposure synchronization input.
OE_BAR
G8
Input
Output enable (active LOW).
DOUT0
H1
Output
Parallel pixel data output (LSB)
DOUT1
H2
Output
Parallel pixel data output.
DOUT2
H3
Output
Parallel pixel data output.
DOUT3
H4
Output
Parallel pixel data output.


Similar Part No. - MT9M024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
242Kb / 23P
   1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M021IA3XTC-DPBR ONSEMI-MT9M021IA3XTC-DPBR Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M021IA3XTC-DPBR ONSEMI-MT9M021IA3XTC-DPBR Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

Similar Description - MT9M024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com