Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M034I12STC-DPBR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MT9M034I12STC-DPBR
Description  Digital Image Sensor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034I12STC-DPBR Datasheet(HTML) 1 Page - ON Semiconductor

  MT9M034I12STC-DPBR Datasheet HTML 1Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 2Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 3Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 4Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 5Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 6Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 7Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 8Page - ON Semiconductor MT9M034I12STC-DPBR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MT9M034: 1/3-Inch CMOS Digital Image Sensor
Features
MT9M034_DS Rev. G Pub. 4/15 EN
1
©Semiconductor Components Industries, LLC,2015
1/3-Inch CMOS Digital Image Sensor
MT9M034 Data Sheet, Rev. G
For the latest data sheet, please visit www.onsemi.com
Features
• Superior low-light performance
• HD video (720p60)
• Linear or high dynamic range capture
• Video/Single Frame modes
• On-chip AE and statistics engine
• Parallel and serial output
• Auto black level calibration
•Context switching
•Temperature Sensor
Applications
• Video surveillance
• 720p60 video applications
• High dynamic range imaging
General Description
The ON Semiconductor MT9M034 is a 1/3-inch CMOS
digital image sensor with an active-pixel array of
1280H x 960V. It captures images in either linear or
high dynamic range modes, with a rolling-shutter
readout. It includes sophisticated camera functions
such as auto exposure control, windowing, and both
video and single frame modes. It is designed for both
low light and high dynamic range scene performance.
It is programmable through a simple two-wire serial
interface. The MT9M034 produces extraordinarily
clear, sharp digital pictures, and its ability to capture
both continuous video and single frames makes it the
perfect choice for a wide range of applications, includ-
ing surveillance and HD video.
*1.8V VDD_IO is recommended due to better row noise per-
formance
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (6 mm)
Active pixels
1280 x 960 = 1.2 Mp
Pixel size
3.75m
Color filter array
RGB Bayer or monochrome
Shutter type
Electronic rolling shutter
Input clock range
6 – 50 MHz
Output clock maximum
74.25 MHz
Output
Parallel
12-bit
Frame
rate
Full resolution
45 fps
720p
60 fps
Responsivity
5.48 V/lux-sec
SNRMAX
43.9 dB
Maximum dynamic range
>115 dB
Supply
voltage
I/O
1.8 or 2.8V*
Digital
1.8 V
Analog
2.8 V
Power consumption
270 mW (1280 x 720
60 fps Parallel output Linear
Mode)
460 mW (1280 x 720 60 fps
Parallel output HDR Mode)
Operating temperature
(ambient) -TA
–30°C to + 70° C (surveillance)
Package options
10x10 mm 48-pin iLCC
Bare die


Similar Part No. - MT9M034I12STC-DPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
More results

Similar Description - MT9M034I12STC-DPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com