Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M034I12STM-DPBR Datasheet(PDF) 11 Page - ON Semiconductor

Part # MT9M034I12STM-DPBR
Description  Digital Image Sensor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034I12STM-DPBR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MT9M034I12STM-DPBR Datasheet HTML 7Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 8Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 9Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 10Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 11Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 12Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 13Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 14Page - ON Semiconductor MT9M034I12STM-DPBR Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MT9M034_DS Rev. G Pub. 4/15 EN
11
©Semiconductor Components Industries, LLC,2015.
MT9M034: 1/3-Inch CMOS Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The MT9M034 pixel array is configured as 1412 columns by 1028 rows, (see Figure 4).
The dark pixels are optically black and are used internally to monitor black level. Of the
right 100 columns, 64 are dark pixels used for row noise correction. Of the top 24 rows of
pixels, 12 of the dark rows are used for black level correction. There are 1296 columns by
976 rows of optically active pixels. While the sensor's format is 1280 x 960, the additional
active columns and active rows are included for use when horizontal or vertical mirrored
readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The active area is surrounded with
optically transparent dummy pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 4:
Pixel Array Description
2 light dummy + 4 barrier + 24 dark + 4 barrier + 6 dark dummy
Dark pixel
Barrier pixel
Light dummy
pixel
Active pixel
2 light dummy + 4 barrier + 6 dark dummy
1412
2 light dummy + 4 barrier
2 light dummy + 4 barrier + 100 dark + 4 barrier
1028
1296 x 976 (1288 x 968 active)
4.86 x 3.66 mm2 (4.83 x 3.63 mm2)


Similar Part No. - MT9M034I12STM-DPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M034I12STM-DPBR1 ONSEMI-MT9M034I12STM-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR1 ONSEMI-MT9M034I12STM-DPBR1 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
More results

Similar Description - MT9M034I12STM-DPBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
   Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com