Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M031I12STM-DRBR Datasheet(PDF) 8 Page - ON Semiconductor

Part # MT9M031I12STM-DRBR
Description  CMOS Digital Image Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M031I12STM-DRBR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MT9M031I12STM-DRBR Datasheet HTML 4Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 5Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 6Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 7Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 8Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 9Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 10Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 11Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MT9M021-MT9M031_DS Rev. G Pub. 4/15 EN
8
©Semiconductor Components Industries, LLC,2015.
MT9M021/MT9M031: 1/3-Inch CMOS Digital Image Sensor
General Description
General Description
The ON Semiconductor MT9M021/MT9M031 can be operated in its default mode or
programmed for frame size, exposure, gain, and other parameters. The default mode
output is a full-resolution image at 45 frames per second (fps). It outputs 12-bit raw data,
using either the parallel or serial (HiSPi) output ports. The device may be operated in
video (master) mode or in frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock. A dedicated FLASH pin can be programmed to control
external LED or flash exposure illumination.
The MT9M021/MT9M031 includes additional features to allow application-specific
tuning: windowing, adjustable auto-exposure control, auto black level correction,
on-board temperature sensor, and row skip and digital binning modes.
The sensor is designed to operate in a wide temperature range (–30°C to +70°C).
Functional Overview
The MT9M021/MT9M031 is a progressive-scan sensor that generates a stream of pixel
data at a constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be
optionally enabled to generate all internal clocks from a single master input clock
running between 6 and 50 MHz. The maximum output pixel rate is 74.25 Mp/s, corre-
sponding to a clock rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active- Pixel Sensor array. The MT9M021/MT9M031 features global
shutter technology for accurate capture of moving images. The exposure of the entire
array is controlled by programming the integration time by register setting. All rows
simultaneously integrate light prior to readout. Once a row has been read, the data from
the columns is sequenced through an analog signal chain (providing offset correction
and gain), and then through an analog-to- digital converter (ADC). The output from the
ADC is a 12-bit value for each pixel in the array. The ADC output passes through a digital
Control Registers
Active Pixel Sensor
(APS)
Array
PLL
Memory
OTPM
Temperature
sensor
Timing and Control
(Sequencer)
Analog Processing and
A/D Conversion
Auto Exposure
and Stats Engine
Pixel Data Path
(Signal Processing)
External
Clock
Serial
Output
Flash
Parallel
Output
Two-Wire
Serial
Interface
Trigger
Power


Similar Part No. - MT9M031I12STM-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M031I12STM-DRBR ONSEMI-MT9M031I12STM-DRBR Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M031I12STM-DRBR1 ONSEMI-MT9M031I12STM-DRBR1 Datasheet
242Kb / 23P
   1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
More results

Similar Description - MT9M031I12STM-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com