Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M031I12STM-DRBR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MT9M031I12STM-DRBR
Description  CMOS Digital Image Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M031I12STM-DRBR Datasheet(HTML) 1 Page - ON Semiconductor

  MT9M031I12STM-DRBR Datasheet HTML 1Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 2Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 3Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 4Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 5Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 6Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 7Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 8Page - ON Semiconductor MT9M031I12STM-DRBR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MT9M021/MT9M031: 1/3-Inch CMOS Digital Image Sensor
Features
MT9M021-MT9M031_DS Rev. G Pub. 4/15 EN
1
©Semiconductor Components Industries, LLC,2015
1/3-Inch CMOS Digital Image Sensor
MT9M021/MT9M031 Datasheet, Rev. G
For the latest datasheet revision, please visit www.onsemi.com
Features
• Superior low-light performance
• HD video (720p60)
• Global shutter
• Video/Single Frame mode
• Flexible row-skip modes
• On-chip AE and statistics engine
• Parallel and serial output
• Support for external LED or flash
• Auto black level calibration
•Context switching
Applications
• Scene processing
• Scanning and machine vision
• 720p60 video applications
General Description
The ON Semiconductor MT9M021/MT9M031 is a 1/3-
inch CMOS digital image sensor with an active-pixel
array of 1280H x 960V. It includes sophisticated camera
functions such as auto exposure control, windowing,
scaling, row skip mode, and both video and single
frame modes. It is designed for low light performance
and features a global shutter for accurate capture of
moving scenes. It is programmable through a simple
two-wire serial interface. The MT9M021/MT9M031
produces extraordinarily clear, sharp digital pictures,
and its ability to capture both continuous video and
single frames makes it the perfect choice for a wide
range of applications, including scanning and HD
video.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (6 mm)
Active pixels
1280 x 960 = 1.2 Mp
Pixel size
3.75m
Color filter array
RGB Bayer or
Monochrome
Shutter type
Global shutter
Input clock range
6 – 50 MHz
Output pixel clock (maximum
)
74.25 MHz
Output
Serial
HiSPi (iBGA package only)
Parallel
12-bit
Frame rate
Full resolution
45 fps
720p
60 fps
Responsivity (Monochrome)
6.1 V/lux-sec
Responsivity (Color)
5.3 V/lux-sec
SNRMAX
38 dB
Dynamic range
64 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.4 V
Power consumption
<400 mW
Operating temperature (ambient) –30°C to +70°C
Package options
9 x 9 mm 64-pin iBGA
10x10mm 48-pin iLCC


Similar Part No. - MT9M031I12STM-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M031I12STM-DRBR ONSEMI-MT9M031I12STM-DRBR Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M031I12STM-DRBR1 ONSEMI-MT9M031I12STM-DRBR1 Datasheet
242Kb / 23P
   1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
More results

Similar Description - MT9M031I12STM-DRBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com