Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9548 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9548
Description  HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9548 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9548_15 Datasheet HTML 1Page - Hamamatsu Corporation C9548_15 Datasheet HTML 2Page - Hamamatsu Corporation C9548_15 Datasheet HTML 3Page - Hamamatsu Corporation C9548_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH-SPEED GATED
IMAGE INTENSIFIER UNITS
C9548 SERIES
OVERVIEW
Image intensifiers (I. I.) are devices capable of intensifying an im-
age at high gain and high-speed gating (electronic shutter opera-
tion). This allows them to capture "instantaneous images" of ultra-
fast phenomena that occur in extremely short periods of time.
The C9548 series is an image intensifier unit which is suitable for
PIV application. It has a built-in pulse generator to allow multi-ex-
posure (burst) operation.
The GaAsP photocathode is ideal for low-light-level imaging in the
visible region such as for fluorescence observations. The multialkali
photocathode on the other hand offers high sensitivity over a wider
spectral response range from the UV through near IR region so
observations can be made at various wavelengths.
By using a relay lens, the C9548 series can be easily connected to
various CCD cameras or high-speed cameras. The image intensifi-
er gain, gate width and delay time can be controlled and set from a
PC through the RS-232C interface. (The image intensifier gain can
also be controlled and set from the remote controller.)
FEATURES
GMaximum Repetition Frequency: 200 kHz
GBuilt-in Pulse Generator
GMulti-exposure
GHigh-speed Gating: 10 ns minimum
GHigh Performance Image Intensifier
High quantum efficiency in visible range:
GaAsP photocathode type
Wide spectral response range from UV to near IR:
Multialkali photocathode type
APPLICATIONS
GAnalysis of High-speed Phenomenon
PIV / Engine combustion state
Plasma emission / Discharge / Flow / Spray and so on.


Similar Part No. - C9548_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9547 HAMAMATSU-C9547 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
More results

Similar Description - C9548_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
V12841D-G130 HAMAMATSU-V12841D-G130_15 Datasheet
128Kb / 2P
   PROXIMITY FOCUSED IMAGE INTENSIFIER
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com