Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9548 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9548
Description  HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9548 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9548_15 Datasheet HTML 1Page - Hamamatsu Corporation C9548_15 Datasheet HTML 2Page - Hamamatsu Corporation C9548_15 Datasheet HTML 3Page - Hamamatsu Corporation C9548_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS
TIME SEQUENCE
Protective Functions
Gate Specifications
TAPPC0144EA
DELAY TIME: 92 ns
± 2 ns
GATE TRIGGER
INPUT PULSE
WIDTH (50 ns Min.)
GATE TIME (FWHM)
OFF
OFF
GATE TIME
10 ns to 9.99 ms
32 ns
±2 ns
GATE
TRIGGER
INPUT
GATE
TIME
MONITOR
PULSE
GATE
PULSE
GATE
PULSE
0
0
MULTI-EXPOSURE COUNT: 16 (Max.)
EXPOSURE TIME: 10 ns (Min.)
PULSE INTERVAL: 500 ns (Min.)
REPETITION CYCLE: 100
µs (Min.)
Repetition
Rate
Excessive
Light
Protection
Protection Circuit
Reset
Max.
Display
Warning
Shut off
200 kHz
Red LED is lit continuously *
Shuts off operation during excessive light
Red LED flashes *
(on rear of head and remote controller operation panel)
Red LED is lit continuously *
(on rear of head and remote controller operation panel)
Reset switch on the remote controller
or sending command via RS-232C interface
Parameter
C9548 Series
Operation Mode
Single
Gate
Mode
Burst
Gate
Mode
Gate Trigger
Input
Gate
Output
Gate
Time
Monitor
Gate time *
Repetition Frequency (Max.)
Delay Time *
Pulse Interval * (Min.)
Number of Exposures (Max.)
Exposure Time * (Min.)
Repetition Cycle (Min.)
Level
Input Impedance
Basic Delay Time
Gate Jitter (Max.)
Output Level
Pulse Width
Output Impedance
Normal (continuous) mode /
Single gate mode / Burst gate mode
10 ns to 9.99 ms
200 kHz (protection circuit incorporated)
10 ns to 9.99 ms
500 ns
16
10 ns
100
µs
TTL positive logic
1 k
92 ns
± 2 ns
2 ns (10 ns maximum when gate time is set to 10
µs or more)
2 V positive logic
Gate time width (FWHM)
200
Parameter
C9548 Series
Photocathode
Sensitivity
Photocathode
Input Mount (Lens Mount)
Phosphor
Screen
Gain
Equivalent Back-
ground Input (EBI) C
Limiting Resolution (Typ.)
Image Magnification
Maximum Input
Light Level D
Average of Max. Phosphor Screen Brightness
Power Requirement
Power Consumption (Max.)
Operating Ambient Temperature
Storage Temperature
Operating and Storage Humidity E
Luminous Sensitivity (Typ.)
Radiant Sensitivity A (Typ.)
Quantum Efficiency A (Typ.)
Effective Diameter
Window Material
Photocathode Material
Spectral Response
Peak Wavelength
Window Material
Phosphor Material
Decay Time
Luminous Gain (Typ.)
Radiant Emittance Gain A (Typ.)
Luminous (Typ.)
Radiant A (Typ.)
Luminous (Typ.)
Radiant A (Typ.)
25 B
F-mount (C-mount selectable)
FOP
P46 (P24 or P43 selectable)
See [Phosphor Screen Decay Characteristics]
1
10
100 to 240
0 to +40
-20 to +50
Below 70
700
192
45
Borosilicate glass
GaAsP
280 to 720
530
8
× 10-12
2
× 10-15
6.6
× 103
4.2
× 103
50
1.5
× 10-3
4.0
× 10-10
12
1.5
× 106
1.0
× 106
36
7.0
× 10-6
1.6
× 10-12
15.6
150
47
14
1.0
× 106
7.0
× 105
32
1.6
× 10-5
2.4
× 10-12
15.6
Synthetic silica
Multialkali
185 to 900
430
1
× 10-11
3
× 10-14
230
53
15
3.3
× 103
2.0
× 103
57
5.0
× 10-3
8.0
× 10-10
12
C9548-03
C9548-04
C9548-01
C9548-02
Parameter
Unit
µA/lm
mA/W
%
mm
nm
(lm/m2)/lx
(W/m2)/(W/m2)
lm/cm2
W/cm2
Lp/mm
lx
W/cm2
cd/m2
V
W
°C
%
NOTE: AAt wavelength of peak sensitivity
BEffective output area is 16 mm
× 16 mm. Take the effective area of the camera and reduction rate of the relay lens to be used into account.
CInput illuminance (or irradiance) required to produce a luminous emittance from the phosphor screen, which is equal to that obtained when no
light is indent on the photocathode. This indicates the lower limit of detectable illuminance (or irradiance) level of an image intensifier.
DDuring normal (continuous) mode at maximum gain
ENo condensation
NOTE: *The LED on near of head can be turned out by control software.
NOTE: * Setting resolution is 10 ns.


Similar Part No. - C9548_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9547 HAMAMATSU-C9547 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
More results

Similar Description - C9548_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
V12841D-G130 HAMAMATSU-V12841D-G130_15 Datasheet
128Kb / 2P
   PROXIMITY FOCUSED IMAGE INTENSIFIER
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com