Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTR08060W Datasheet(PDF) 11 Page - Texas Instruments

Part # PTR08060W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTR08060W Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTR08060W_15 Datasheet HTML 7Page - Texas Instruments PTR08060W_15 Datasheet HTML 8Page - Texas Instruments PTR08060W_15 Datasheet HTML 9Page - Texas Instruments PTR08060W_15 Datasheet HTML 10Page - Texas Instruments PTR08060W_15 Datasheet HTML 11Page - Texas Instruments PTR08060W_15 Datasheet HTML 12Page - Texas Instruments PTR08060W_15 Datasheet HTML 13Page - Texas Instruments PTR08060W_15 Datasheet HTML 14Page - Texas Instruments PTR08060W_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
VI
(5 V/div)
VO
(2 V/div)
II
(2 A/div)
t − Time − 4 ms/div
PTR08060W
www.ti.com
SLTS289G – AUGUST 2007 – REVISED MARCH 2013
Power-Up Characteristics
When configured per the standard application, the PTR08060W power module produces a regulated output
voltage following the application of a valid input source voltage. During power up, internal soft-start circuitry slows
the rate that the output voltage rises, thereby limiting the amount of in-rush current that can be drawn from the
input source. The soft-start circuitry introduces a short time delay (typically 10 ms) into the power-up
characteristic. This is from the point that a valid input source is recognized. Figure 12 shows the power-up
waveforms for a PTR08060W, operating from a 12-V input and with the output voltage adjusted to 3.3 V. The
waveforms were measured with a 4-A constant current load.
Figure 12. Power-Up Waveforms
Overcurrent Protection
For protection against load faults, the PTR08060W incorporates output overcurrent protection. Applying a load
that exceeds the regulator's overcurrent threshold causes the regulated output to shut down. Following
shutdown, the module periodically attempts to recover by initiating a soft-start power-up. This is described as a
hiccup mode of operation, whereby the module continues in a cycle of successive shutdown and power up until
the load fault is removed. During this period, the average current flowing into the fault is significantly reduced.
Once the fault is removed, the module automatically recovers and returns to normal operation.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PTR08060W


Similar Part No. - PTR08060W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI1-PTR08060W_14 Datasheet
355Kb / 17P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results

Similar Description - PTR08060W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI1-PTR08060W_14 Datasheet
355Kb / 17P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W Datasheet
348Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com