Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV03020W Datasheet(PDF) 11 Page - Texas Instruments

Part # PTV03020W
Description  18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV03020W Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTV03020W_15 Datasheet HTML 7Page - Texas Instruments PTV03020W_15 Datasheet HTML 8Page - Texas Instruments PTV03020W_15 Datasheet HTML 9Page - Texas Instruments PTV03020W_15 Datasheet HTML 10Page - Texas Instruments PTV03020W_15 Datasheet HTML 11Page - Texas Instruments PTV03020W_15 Datasheet HTML 12Page - Texas Instruments PTV03020W_15 Datasheet HTML 13Page - Texas Instruments PTV03020W_15 Datasheet HTML 14Page - Texas Instruments PTV03020W_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
Output On/Off Inhibit
VI
L
O
A
D
1=Inhibit
GND
GND
VO
V Sense
O
Q1
BSS138
RSET
5.49kW
C1
C3
C2
PTV03020W
VI
VO
GND
GND
Inhibit
V Adj
O
Track
Sense
PTV03020W
SLTS243A – FEBRUARY 2005 – REVISED OCTOBER 2007
From the moment a valid input voltage is applied, the soft-start control introduces a short time delay (typically
less than 5 ms) before allowing the output voltage to rise. The output then progressively rises to the module
set-point voltage. Figure 8 shows the soft-start power-up characteristic of the PTV03020W, operating from a
3.3-V input bus and configured for a 1.8-V output. The waveforms were measured with a 5-A resistive load and
the Auto-Track feature disabled. The initial rise in input current when the input voltage first starts to rise is the
charge current drawn by the input capacitors. Power up is complete within 25 ms.
For applications requiring output voltage on/off control, the modules incorporate an output Inhibit control pin. The
inhibit feature can be used wherever there is a requirement for the output voltage from the regulator to be turned
off.
The power modules function normally when the Inhibit input is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 9 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pullup (see footnotes to electrical characteristics table). The input is not compatible with TTL
logic devices. An open-collector (or open-drain) discrete transistor is recommended for control.
Figure 9. On/Off Inhibit Application Circuit
Turning Q1 on applies a low voltage to the Inhibit control and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within
25ms. Figure 10 shows the typical rise in both the output voltage and input current, following the turnoff of Q1.
The turnoff of Q1 corresponds to the rise in the waveform, Q1 VDS. The waveforms were measured with a 9-A
constant current load.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :PTV03020W


Similar Part No. - PTV03020W_15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV03020WAD EMERSON-NETWORKPOWER-PTV03020WAD Datasheet
230Kb / 4P
   DC-DC CONVERTERS
PTV03020WAH EMERSON-NETWORKPOWER-PTV03020WAH Datasheet
230Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTV03020W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com