Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC16M8A2TG-8EIT Datasheet(PDF) 2 Page - Micron Technology

Part # MT48LC16M8A2TG-8EIT
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC16M8A2TG-8EIT Datasheet(HTML) 2 Page - Micron Technology

  MT48LC16M8A2TG-8EIT Datasheet HTML 1Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 2Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 3Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 4Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 5Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 6Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 7Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 8Page - Micron Technology MT48LC16M8A2TG-8EIT Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
2
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
FBGA BALL ASSIGNMENT
(Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
1
2
3
4
5
6
7
8
Depopulated Balls
NC
Vss
NC
VssQ
VDDQ
DQ3
NC
NC
NC
VssQ
VDDQ
DQ2
NC
NC
NC
Vss
NC
DQM
NC
CK
NC
CKE
A11
A9
A8
A7
A6
A5
A4
Vss
VDD
NC
VDDQ
NC
DQ0
VssQ
NC
NC
VDDQ
NC
DQ1
VssQ
NC
NC
VDD
NC
WE#
CAS#
RAS#
NC
NC
CS#
BA1
BA0
A0
A10
A2
A1
VDD
A3
32 Meg x 4
8 x 16mm and 11 x 13mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
1
2
3
4
5
6
7
8
Depopulated Balls
DQ7
Vss
NC
VssQ
VDDQ
DQ6
DQ5
NC
NC
VssQ
VDDQ
DQ4
NC
NC
NC
Vss
NC
DQM
NC
CK
NC
CKE
A11
A9
A8
A7
A6
A5
A4
Vss
VDD
DQ0
VDDQ
NC
DQ1
VssQ
NC
DQ2
VDDQ
NC
DQ3
VssQ
NC
NC
VDD
NC
WE#
CAS#
RAS#
NC
NC
CS#
BA1
BA0
A0
A10
A2
A1
VDD
A3
16 Meg x 8
8 x 16mm and 11 x 13mm


Similar Part No. - MT48LC16M8A2TG-8EIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M8A2TG MICRON-MT48LC16M8A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC16M8A2TG MICRON-MT48LC16M8A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC16M8A2TG-8EIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com