Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53254 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53254
Description  40VDC - 10A SOLID STATE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53254 Datasheet(HTML) 4 Page - Micropac Industries

  53254 Datasheet HTML 1Page - Micropac Industries 53254 Datasheet HTML 2Page - Micropac Industries 53254 Datasheet HTML 3Page - Micropac Industries 53254 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
53254
40VDC - 10A Solid State Relay
Dimensions: inches
1.000
1.870 MAX
1.000
0.120
0.040 DIA, 6 PL
0.312
0.760
1.520
CL
0.275 MAX
0.500
0.125, TYP 5 PLACES
TOLERANCES NON-ACCUM
0.050
0.212
0.156 DIA
THRU 2 PL
0.170 R
2 PL
L
C
45°
4 PL
Pin
Function
1
+IN
2
-IN
3
+OUT
4
+OUT
5
-OUT
6
-OUT
Notes: 1. For +OUT and -OUT functions, both pins must be used to meet the rated current.
2. ESD symbol (
∆) indicates pin 1.
Figure 3. Case Outline


Similar Part No. - 53254

ManufacturerPart #DatasheetDescription
logo
MolexKits
53254-0270 MOLEXKITS-53254-0270 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
53254-0270 MOLEXKITS-53254-0270 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
53254-0270 MOLEXKITS-53254-0270 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53254-0270 MOLEX7-53254-0270 Datasheet
146Kb / 4P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Right Angle, Square Pin Three-sided Shroud, Lead-free, 2 Circuits
53254-0310 MOLEX11-53254-0310 Datasheet
56Kb / 1P
   NEW 2.0 W/B CONN. 51065/532530R51065/54254
More results

Similar Description - 53254

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53255 MICROPAC-53255 Datasheet
113Kb / 4P
   400VDC - 10A SOLID STATE RELAY
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
   10A, 250Vac Optically Isolated AC Solid-State Relay
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com