Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53111-2XC Datasheet(PDF) 10 Page - Micropac Industries

Part # 53111-2XC
Description  POWER MOSFET OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-2XC Datasheet(HTML) 10 Page - Micropac Industries

Back Button 53111-2XC Datasheet HTML 3Page - Micropac Industries 53111-2XC Datasheet HTML 4Page - Micropac Industries 53111-2XC Datasheet HTML 5Page - Micropac Industries 53111-2XC Datasheet HTML 6Page - Micropac Industries 53111-2XC Datasheet HTML 7Page - Micropac Industries 53111-2XC Datasheet HTML 8Page - Micropac Industries 53111-2XC Datasheet HTML 9Page - Micropac Industries 53111-2XC Datasheet HTML 10Page - Micropac Industries 53111-2XC Datasheet HTML 11Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
5/22/02
Pg. 10 of 11
53111
Power MOSFET Optocoupler
.050 (1.27)
.035 (0.89)
.050 (1.27)
.035 (0.89)
.050 (1.27)
.035 (0.89)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.41)
.390 (9.91)
.370 (9.41)
.110 (2.79)
.090 (2.29)
.110 (2.79)
.090 (2.29)
.020 (0.51)
MAX.
.020 (.051)
MAX.
.020 (0.51)
MAX.
.050 (1.27)
.030 (0.76)
.020 (0.51)
MIN
.065 (1.65)
.055 (1.40)
.020 (0.51)
MIN
.055 (1.40)
.045 (1.14)
.020 (0.51)
MIN
.013 (0.33)
.007 (0.18)
.150 (3.81) MIN.
.390 (9.91)
.370 (9.41)
SEATING PLANE
.180 (4.57)
MAX
.013 (0.33)
.007 (0.18)
.170 (4.32)
MAX.
.320 (8.13)
MAX
.310 (7.87)
.290 (7.37)
.170 (4.32)
MAX.
.170 (4.32)
MAX.
.047 (1.19)
TYP
.390 (9.91)
.380 (7.87)
.320 (8.13)
MAX
SEATING
PLANE
PIN 1
SYMBOL
ESD
.310 (7.87)
.290 (7.37)
.320 (8.13)
MAX.
31757 USA
XXXXX
53111
Q
Case Outline P
Case Outline X
Case Outline Y
NOTES:
1. PIN 1 IS INDICATED BY THE ESD TRIANGLE MARKED ON THE LID OF THE PACKAGE.
2. DIMENSIONS ARE IN INCHES, (mm).
3. METRIC EQUIVALENTS ARE GIVEN FOR GENERAL INFORMATION ONLY.
4. UNLESS OTHERWISE SPECIFIED, TOLERANCE IS ±.005 (0.13mm).
.140 (3.56)
MAX.
.050 (1.27)
.035 (0.89)
SEATING PLANE
.045 (1.14)
.035 (0.89)
.110 (2.79)
.090 (2.29)
.390 (9.91)
.370 (9.41)
.320 (8.13)
MAX
.013 (0.33)
.007 (0.18)
.310 (7.87)
.290 (7.37)
Case Outline Z


Similar Part No. - 53111-2XC

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111-2XC MICROPAC-53111-2XC Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
More results

Similar Description - 53111-2XC

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
   POWER MOSFET OPTOCOUPLER
53111 MICROPAC-53111_13 Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272 Datasheet
208Kb / 9P
   POWER MOSFET OPTOCOUPLER 90V - 2.0A
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
   POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
   RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
   Optocoupler, Power Phototriac
Rev. 1.4, 07-Dec-17
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com