Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX421C13SBK4-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX421C13SBK4-16
Description  DDR4-2133 CL13 288-Pin DIMM Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX421C13SBK4-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX421C13SBK4-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX421C13SBK4-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
SPECIFICATIONS
*Power will vary depending on the SDRAM used.
HX421C13SBK4/16
16GB (4GB 512M x 64-Bit x 4 pcs.)
DDR4-2133 CL13 288-Pin DIMM Kit
Continued >>
FEATURES
HyperX HX421C13SBK4/16 is a kit of four 512M x 64-bit (4GB)
DDR4-2133 CL13 SDRAM (Synchronous DRAM) 1Rx8, memory
modules, based on eight 512M x 8-bit FBGA components per
module. Total kit capacity is 16GB. Each module supports
Intel® XMP (Extreme Memory Profiles). Each module has
been tested to run at DDR4-2133 at a low latency timing of
13-13-13 at 1.2V. The SPDs are programmed to JEDEC
standard latency DDR4-2133 timing of 15-15-15 at 1.2V.
Each 288-pin DIMM uses gold contact fingers. The JEDEC
standard electrical and mechanical specifications are as
follows:
CL(IDD)
Row Cycle Time (tRCmin)
Refresh to Active/Refresh
Command Time (tRFCmin)
Row Active Time (tRASmin)
Maximum Operating Power
UL Rating
Operating Temperature
Storage Temperature
15 cycles
46.5ns (min.)
260ns (min.)
33ns (min.)
TBD W*
94 V - 0
0
o C to +85o C
-55
o C to +100o C
XMP TIMING PARAMETERS
JEDEC: DDR4-2133 CL15-15-15 @1.2V
XMP Profile #1: DDR4-2133 CL13-13-13 @1.2V
Document No. 4807401-001.A00
08/27/15
Page 1
hyperxgaming.com
HX421C13SBK4/16
16GB (4GB 512M x 64-Bit x 4 pcs.)
Memory Module Specifications
• Power Supply: VDD = 1.2V Typical
• VDDQ = 1.2V Typical
• VPP - 2.5V Typical
• VDDSPD = 2.25V to 3.6V
• On-Die termination (ODT)
• 16 internal banks; 4 groups of 4 banks each
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Height 1.36” (34.57mm)


Similar Part No. - HX421C13SBK4-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX421C13SBK4-32 ETC2-HX421C13SBK4-32 Datasheet
320Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM Kit
More results

Similar Description - HX421C13SBK4-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX421C13SBK4-32 ETC2-HX421C13SBK4-32 Datasheet
320Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM Kit
HX421C13SBK2-8 ETC2-HX421C13SBK2-8 Datasheet
321Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM Kit
HX421C13SBK2-16 ETC2-HX421C13SBK2-16 Datasheet
320Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM Kit
HX421C13PBK4-32 ETC2-HX421C13PBK4-32 Datasheet
393Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM
HX421C13SB-8 ETC2-HX421C13SB-8 Datasheet
320Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM
HX421C13PBK4-16 ETC2-HX421C13PBK4-16 Datasheet
394Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM
HX421C13SB-4 ETC2-HX421C13SB-4 Datasheet
321Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM
HX426C13SBK4-32 ETC2-HX426C13SBK4-32 Datasheet
320Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX426C13SBK2-8 ETC2-HX426C13SBK2-8 Datasheet
321Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX426C13SBK2-16 ETC2-HX426C13SBK2-16 Datasheet
320Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com