Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61048 Datasheet(PDF) 1 Page - Micropac Industries

Part # 61048
Description  SILICON PHOTOTRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61048 Datasheet(HTML) 1 Page - Micropac Industries

  61048 Datasheet HTML 1Page - Micropac Industries 61048 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 4
61048
SILICON PHOTOTRANSISTOR
(TYPE GS4123)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
High Sensitivity
Base lead provided for conventional transistor
biasing
Wide receiving angle for easy alignment
Spectrally Matched to the 62030 Series LED.
Applications:
Incremental Encoding
Reflective Sensors
Position Sensors
Level Sensors
DESCRIPTION
This is a N-P-N Planar Silicon phototransistor in a flat window TO-46 three-lead package featuring a large (0.06” X 0.06”)
sensitive area. It is available in a range of sensitivities and is ideal for use wherever system considerations dictate the use
of external optics to focus radiation on the sensor. Available custom binned to customer specifications and/or screened to
MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +150°C
Operating Temperature (See part selection guide for actual operating temperature)...................................... -65°C to +125°C
Collector-Emitter Voltage........................................................................................................................................................50V
Emitter-Collector Voltage.......................................................................................................................................................... 7V
Continuous Collector Current ..............................................................................................................................................50mA
Power Dissipation (Derate at the rate of 2.5 mW/°C above 25°C) ..................................................................................250mW
Lead Soldering Temperature (1/16” from case for 10 seconds)........................................................................................ 240°C
Package Dimensions
Schematic Diagram
3 LEADS
0.019 Ø[0.48]
0.016 Ø[0.41]
THE COLLECTOR IS IN ELECTRICAL
CONTACT WITH THE CASE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.100 [Ø2.54]
Ø0.100 [Ø2.54]
Ø0.100 [Ø2.54]
45°
0.048 [1.22]
0.028 [0.71]
0.046 [1.17]
0.036 [0.91]
0.230Ø [5.84]
0.209Ø [5.31]
0.195Ø [4.95]
0.178Ø [4.52]
0.210 [5.33]
0.170 [4.32]
0.030 [0.76] MAX
0.500 [12.70]
MIN
EMITTER
BASE
1
2
3
COLLECTOR
B
E
C


Similar Part No. - 61048

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
61048-1 TEC-61048-1 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
61048-2 TEC-61048-2 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
61048-2 TEC-61048-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 61048

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
   Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
logo
List of Unclassifed Man...
ST-8LR2 ETC1-ST-8LR2 Datasheet
37Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com