Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61055 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61055
Description  SILICON PHOTOTRANSISTOR ?쏱ILL PACK?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61055 Datasheet(HTML) 2 Page - Micropac Industries

  61055 Datasheet HTML 1Page - Micropac Industries 61055 Datasheet HTML 2Page - Micropac Industries 61055 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 11
61055
SILICON PHOTOTRANSISTOR “PILL PACK” (TYPE GS1020)
REVISION B
02/22/01
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Light Current
61055-X01
61055-X02
61055-X03
61055-X04
61055-X05
61055-X06
IL
0.5
2.0
4.0
7.0
12.0
20.0
3.0
5.0
8.0
12.0
20.0
--
mA
VCE = 5.0V, H = 20Mw/cm
2
1
Dark Current
61055-XXX
ID
25
nA
VCE = 30V, H = 0
1
Collector-Emitter Breakdown Voltage
61055-XXX
BVCEO
50
V
IC = 100µA
Emitter-Collector Breakdown Voltage
61055-XXX
BVECO
7V
IE = 100µA
Light Current Rise Time
61055-X01
61055-X02
61055-X03
61055-X04
61055-X05
61055-X06
tr
2.0
3.0
5.0
7.0
9.0
12.0
12.0
20.0
--
µsec
RL = 1K, VCC = 5V,
IL = 1.0mA
Saturation Voltage
61055-X0X
VCE (sat)
0.3
V
IC = 0.4mA, H = 20mW/cm
2
Angular Response
61055-X0X
θ
24
degrees
RL = 1K, VCC = 5V,
IL = 1.0mA
2
NOTES:
1.
Irradiance in mW/cm
2
from a tungsten source at a color temperature of 2870K.
2.
The angle between incidence for peak response and incidence for 50% of peak response.
ANGULAR RESPONSE
RELATIVE SPECTRAL RESPONSE
H
PULSE RESPONSE TEST
CIRCUIT AND WAVEFORM
DUT
RL
OUTPUT
Vcc
IL
tr
tf
10%
90%
ANGLE [DEGREES]
-30
-20
-10
0
20
30
10
0
20
40
60
100
ANGULAR RESPONSE
80
40
-40
WAVELENGTH [um]
0.4
0.5
0.6
0.7
0.9
1.0
0.8
0
20
40
60
100
RELATIVE SPECTRAL RESPONSE
80
1.1
0.3
0.2
1.2
10
30
50
70
90
NORMALIZED LIGHT CURRENT
versus TEMPERATURE
T
A M B I E NT T E M P E R A T URE [ ° C]
-1 0 0
-7 5
- 2 5
-5 0
0
0. 2
0. 4
0. 6
1. 0
0. 8
A
1. 2
1. 6
1. 4
2. 0
1. 8
0
2 5
5 0
7 5
150
125
100
V c c = 5. 0 V
NO T E 1
R
= 100
L
NORMALIZED LIGHT CURRENT
versus RADIATION FLUX DENSITY
0.5
0.2
1.0
0.1
0.01
N R A D IATIO N FLU X D E N S ITY [m W /cm 2]
1.0
10
10
20
5.0
20
V
=50 V
T =25°C
J
CC
TU N G STEN
S O URC E
GaA s
S O URC E


Similar Part No. - 61055

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61050 MICROPAC-61050 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-001 MICROPAC-61050-001 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-002 MICROPAC-61050-002 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-003 MICROPAC-61050-003 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-004 MICROPAC-61050-004 Datasheet
93Kb / 3P
   Maximum sensitivity
More results

Similar Description - 61055

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61056 MICROPAC-61056 Datasheet
86Kb / 2P
   PHOTODARLINGTON ?쏱ILL PACK?
61063 MICROPAC-61063 Datasheet
77Kb / 2P
   PHOTODIODE ?쏱ILL PACK?
62000 MICROPAC-62000 Datasheet
87Kb / 3P
   GaAs LIGHT EMITTING DIODE ?쏱ILL PACK?
62005 MICROPAC-62005 Datasheet
79Kb / 2P
   GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com