Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62101D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62101D
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62101D Datasheet(HTML) 1 Page - Texas Instruments

  TPS62101D Datasheet HTML 1Page - Texas Instruments TPS62101D Datasheet HTML 2Page - Texas Instruments TPS62101D Datasheet HTML 3Page - Texas Instruments TPS62101D Datasheet HTML 4Page - Texas Instruments TPS62101D Datasheet HTML 5Page - Texas Instruments TPS62101D Datasheet HTML 6Page - Texas Instruments TPS62101D Datasheet HTML 7Page - Texas Instruments TPS62101D Datasheet HTML 8Page - Texas Instruments TPS62101D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2.5-V to 9-V Input Range
D 0.8-V to 8-V Output Range
D Dual-Auto-Mode for High-Efficiency
at Light Loads
D Externally Synchronizable
D 0% to 100% Duty Cycle
D Low-Quiescient, Standby,
and Shutdown Currents
D 8-Pin SOIC Package
D Four PWM Frequency
Versions (Maximum 2 MHz)
applications
D Cellular Telephones
D Satellite Telephones
D GPS Devices
D Digital Still Cameras
D PDAs and Handheld Cameras
description
The TPS6210x family of low-power high-efficiency buck converters is designed to operate from 1 or 2 li-ion
cell battery packs. This part, with its wide input range of 2.5 V to 9 V, has an adjustable output from 0.8 V to
8 V and is capable of 500-mA output current. The TPS6210x family of synchronizable dc-to-dc converters is
available in four different operating frequencies: 300 kHz, 600 kHz, 1 MHz, and 2 MHz. The circuit can be
allowed to run at a fixed frequency, or sychronized, using the dual function SD/SYNC input pin.
The TPS6210x family is highly efficient at both low and high output currents. The tri-function MODE input pin
is used to select constant-frequency, auto-mode, or light-load modes of operation. The multimode operation
allows the IC to select the most efficient operating mode, or if desirable, the user can determine which of three
modes to operate in. In the auto-mode, the output load detector circuitry determines if the converter should be
running in the constant-frequency, heavy-load mode, or pulsed-variable frequency, light-load mode.
The TPS6210x family also has a shutdown mode for optimum battery shelf life. The IC utilizes three methods
of overload protection, including thermal shutdown and two levels of overcurrent protection. The TPS6210x is
available in the small outline 8-pin SOIC package.
typical application (automatic mode switcher)
UDG–00059
1
3
2
4
VIN
SD/SYNC
C1
1.0
µ F
MODE
AGND
8
6
7
5
SW
PGND
FB
COMP
+
LI–ION
LI–ION
R2
113 k
L1
15
µ H
C4
10
µ F
MLC
36 k
OUT 3.3 V
TPS62102
R4
30 k
C2
1 n F
D1
10BQ040
R1
1 k
C3
100 pF
+
0 mA TO 500 mA
R3
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VIN
SD/SYNC
MODE
AGND
SW
PGND
FB
COMP
D PACKAGE
(TOP VIEW)
X


Similar Part No. - TPS62101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62101D TI-TPS62101D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Similar Description - TPS62101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com