Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61060-002 Datasheet(PDF) 1 Page - Micropac Industries

Part # 61060-002
Description  PHOTODIODE ?쏱IGTAIL?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61060-002 Datasheet(HTML) 1 Page - Micropac Industries

  61060-002 Datasheet HTML 1Page - Micropac Industries 61060-002 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 16
61060
PHOTODIODE “PIGTAIL”
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
High sensitivity
Small package
Suitable for high-density pc board mounting
Spectrally matched to the 62017 series LED.
Applications:
Incremental encoding
Reflective sensors
Position sensors
Level sensors
DESCRIPTION
The 61060 is a Silicon Photodiode in a package designed to be mounted in a single-clad printed circuit board. It is available
with a wide angle flat lens or narrow angle domed lens for minimum response to stray light. High sensitivity, low dark current
leakage, and low saturation voltage make this device ideal for interfacing with TTL circuits. Also available with lead attached to
the case so that it may be connected without the use of a printed circuit board. Available in custom binned to customer
specifications or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature........................................................................................................................................... -65°C to +150°C
Operating Temperature (See part selection guide for actual operating temperature)........................................ -55°C to +125°C
Reverse Voltage .......................................................................................................................................................................50V
Power Dissipation (Derate at the rate of 1.67 mW/°C above 25°C) ................................................................................... 75mW
Lead Soldering Temperature (3 minutes) ............................................................................................................................ 240°C
Package Dimensions
Schematic Diagram
0.0490
0.1730
Ø0.0810
Ø0.0810
-XX1
-XX2/XX3
UNLESS OTHERWISE NOTED ALL DIMENSIONS NOMINAL
0.450 min
0.1460
ANODE
CATHODE
0.450 min
Dia = 0.018
DIMENSIONS ARE IN INCHES
A
K


Similar Part No. - 61060-002

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
61060-1 TEC-61060-1 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
61060-2 TEC-61060-2 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
61060-2 TEC-61060-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 61060-002

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61010 MICROPAC-61010 Datasheet
87Kb / 2P
   PHOTODARLINGTON ?쏱IGTAIL?
61053 MICROPAC-61053 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
62017 MICROPAC-62017 Datasheet
89Kb / 2P
   GaAs LIGHT EMITTING DIODE ?쏱IGTAIL?
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
   Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
   Photodiode
EPD-365-0-0.9-1 EPIGAP-EPD-365-0-0.9-1 Datasheet
65Kb / 2P
   Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com