Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61055-105 Datasheet(PDF) 3 Page - Micropac Industries

Part # 61055-105
Description  SILICON PHOTOTRANSISTOR ?쏱ILL PACK?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61055-105 Datasheet(HTML) 3 Page - Micropac Industries

  61055-105 Datasheet HTML 1Page - Micropac Industries 61055-105 Datasheet HTML 2Page - Micropac Industries 61055-105 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 12
61055
SILICON PHOTOTRANSISTOR “PILL PACK” (TYPE GS1020)
REVISION B
02/22/01
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61055-001
Silicon Phototransistor in pill package, commercial version
0.5 to 3mA
66155-101
Silicon Phototransistor in pill package (-55° to +125°C) with 100% screening
0.5 to 3mA
61055-002
Silicon Phototransistor in pill package, commercial version
2 to 5mA
61055-102
Silicon Phototransistor in pill package (-55° to +125°C) with 100% screening
2 to 5mA
61055-003
Silicon Phototransistor in pill package, commercial version
4 to 8mA
61055-103
Silicon Phototransistor in pill package (-55° to +125°C) with 100% screening
4 to 8mA
61055-004
Silicon Phototransistor in pill package, commercial version
7 to 12mA
61055-104
Silicon Phototransistor in pill package, (-55° to +125°C) with 100% screening
7 to 12 mA
61055-005
Silicon Phototransistor in pill package, commercial version
12to 20mA
61055-105
Silicon Phototransistor in pill package, (-55° to +125°C) with 100% screening
12 to 20mA
61055-006
Silicon Phototransistor in pill package, commercial version
20+mA
61055-106
Silicon Phototransistor in pill package, (-55° to +125°C) with 100% screening
20+mA


Similar Part No. - 61055-105

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61050 MICROPAC-61050 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-001 MICROPAC-61050-001 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-002 MICROPAC-61050-002 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-003 MICROPAC-61050-003 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-004 MICROPAC-61050-004 Datasheet
93Kb / 3P
   Maximum sensitivity
More results

Similar Description - 61055-105

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61056 MICROPAC-61056 Datasheet
86Kb / 2P
   PHOTODARLINGTON ?쏱ILL PACK?
61063 MICROPAC-61063 Datasheet
77Kb / 2P
   PHOTODIODE ?쏱ILL PACK?
62000 MICROPAC-62000 Datasheet
87Kb / 3P
   GaAs LIGHT EMITTING DIODE ?쏱ILL PACK?
62005 MICROPAC-62005 Datasheet
79Kb / 2P
   GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com