Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61089-103 Datasheet(PDF) 2 Page - Micropac Industries

Part # 61089-103
Description  SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61089-103 Datasheet(HTML) 2 Page - Micropac Industries

  61089-103 Datasheet HTML 1Page - Micropac Industries 61089-103 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
8 - 7
61089
SURFACE MOUNT PNP GENERAL PURPOSE TRANSISTOR (TYPE 2N2907AUB)
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
BVCBO
60
V
I C = 10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
60
V
I C = 10mA, IB = 0µA
Emitter-Base Breakdown Voltage
BVEBO
5V
I C = 0, IE = 10µA
Collector-Base Cutoff Current
ICBO
10
nA
VCB = 50V, IE = 0
10
µA
VCB = 50V, IE = 0, TA = 150°C
Collector-Emitter Cutoff Current
ICES
50
nA
VCE = 50V
Emitter-Base Cutoff Current
IEBO
50
nA
VEB = 4.0V, IC = 0
hfe1
75
-
VCE = 10V, IC = 0.1mA
hfe2
100
450
-
VCE = 10V, IC = 1mA
Forward-Current Transfer Ratio
hfe3
100
-
VCE = 10V, IC = 10mA
hfe4
100
300
-
VCE = 10V, IC = 150mA
1
hfe5
50
-
VCE = 10V, IC = 500mA
1
hfe6
50
-
VCE = 10V, IC = 1mA @ -55°C
Collector-Emitter Saturation Voltage
VCE (SAT)
0.40
V
IC = 150mA, IB = 15mA
1
1.60
V
IC = 500, IB = 50mA
1
Base-Emitter Saturation Voltage
VBE (SAT)
1.30
V
IC = 150mA, IB = 15mA
1
2.60
V
IC = 500mA, IE = 50mA
1
SMALL-SIGNAL CHARACTERISTICS
Small Signal Forward Current Transfer Ratio
hfe
100
-
VCE = 10V, IC = 1mA, f = 1kHz
Small Signal Forward Current Transfer Ratio
hfe
2-
VCE = 20V, IC =50mA,
f = 100kHz
Open Circuit Output Capacitance
COBO
8pF
VCB = 10V, 100kHz, < f < 1 MHz
Input Capacitance (Output Open Capacitance)
CIBO
30
pF
VCB = 2 V, 100kHz, < f < 1 MHz
Turn-On Time
ton
45
ns
VCC = 30V, IC = 150mA,
IB1 = 15mA
Turn-Off Time
toff
300
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
NOTES:
1.
Pulse width < 300µs, duty cycle < 2.0%.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Bias Voltage-Collector/Emitter
I C
10
150
mA
Collector-Emitter Voltage
VCE
520
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
61089-001
2N2907AUB PNP transistor, commercial version
61089-002
2N2907AUB PNP transistor, JAN level screening
61089-101
2N2907AUB PNP transistor, JANTX level screening
61089-102
2N2907AUB PNP transistor, JANTXV level screening
61089-103
2N2907AUB PNP transistor, JANS level screening


Similar Part No. - 61089-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
61089A BOURNS-61089A Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Shanghai Leiditech Elec...
61089B LEIDITECH-61089B Datasheet
840Kb / 6P
   Dual programmable transient suppressor
More results

Similar Description - 61089-103

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
2N2907AUB TTELEC-2N2907AUB Datasheet
566Kb / 4P
   Surface Mount PNP General Purpose Transistor
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
   SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
logo
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
Leshan Radio Company
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
LMSB709LT1 LRC-LMSB709LT1 Datasheet
44Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com