Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62140 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62140
Description  TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62140 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62140_15 Datasheet HTML 4Page - Texas Instruments TPS62140_15 Datasheet HTML 5Page - Texas Instruments TPS62140_15 Datasheet HTML 6Page - Texas Instruments TPS62140_15 Datasheet HTML 7Page - Texas Instruments TPS62140_15 Datasheet HTML 8Page - Texas Instruments TPS62140_15 Datasheet HTML 9Page - Texas Instruments TPS62140_15 Datasheet HTML 10Page - Texas Instruments TPS62140_15 Datasheet HTML 11Page - Texas Instruments TPS62140_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
PVIN
PVIN
AVIN
PG
PGND
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
SW
SW
EN
*
SS/TR
DEF
*
FSW
*
VOS
FB
*
* This pin is connected to a pull down resistor internally
(see Detailed Description section).
TPS62140, TPS62140A
TPS62141, TPS62142, TPS62143
SLVSAJ0C – NOVEMBER 2011 – REVISED AUGUST 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 6. TPS62141/2/3 (Fixed Output Voltage)
8.3 Feature Description
8.3.1 Enable / Shutdown (EN)
When the enable pin (EN) is set High, the device starts operation.
Shutdown is forced if EN is pulled Low with a shutdown current of typically 1.5 µA. During shutdown, the internal
power MOSFETs as well as the entire control circuitry are turned off. The internal resistive divider pulls down the
output voltage smoothly. An internal pulldown resistor of about 400 k
Ω is connected and keeps EN logic Low if
the pin is floating. It is disconnected if the pin is High.
Connecting the EN pin to an appropriate output signal of another power rail provides sequencing of multiple
power rails.
8.3.2 Soft-Start / Tracking (SS/TR)
The internal soft-start circuitry controls the output voltage slope during start-up. This avoids excessive inrush
current and ensures a controlled output-voltage rise time. It also prevents unwanted voltage drops from high-
impedance power sources or batteries. When EN is set to start device operation, the device starts switching after
a delay of about 50 µs, and VOUT rises with a slope controlled by an external capacitor connected to the SS/TR
pin. See Figure 34 and Figure 35 for typical start-up operation.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS62140 TPS62140A TPS62141 TPS62142 TPS62143


Similar Part No. - TPS62140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com