Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62150A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62150A-Q1
Description  TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62150A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62150A-Q1 Datasheet HTML 1Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 2Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 3Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 4Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 5Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 6Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 7Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 8Page - Texas Instruments TPS62150A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPS62150A-Q1, TPS62153A-Q1
www.ti.com
SLVSCC3 – MAY 2014
8.5 Electrical Characteristics
over junction temperature range (TJ=-40°C to +125°C), typical values at VIN=12V and TA=25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
3
17
V
IQ
Operating quiescent current
EN=High, IOUT=0mA, device not switching
17
30
µA
ISD
Shutdown current(1)
EN=Low
1.5
25
µA
VUVLO
Falling Input Voltage (PWM mode operation)
2.6
2.7
2.8
V
Undervoltage lockout threshold
Hysteresis
200
mV
TSD
Thermal shutdown temperature
160
°C
Thermal shutdown hysteresis
20
CONTROL (EN, DEF, LOG, SS/TR, PG)
High level input threshold voltage (EN,
VH
0.9
V
DEF)
VL
Low level input threshold voltage (EN,
0.3
V
DEF)
EN=VIN or GND; DEF=VOUT or GND;
ILKG
Input leakage current (EN, DEF, LOG)
0.01
1
µA
LOG=GND
Rising (%VOUT)
92%
95%
98%
VTH_PG
Power good threshold voltage
Falling (%VOUT)
87%
90%
94%
VOL_PG
Power good output low
IPG=–2mA
0.07
0.3
V
ILKG_PG
Input leakage current (PG)
VPG=1.8V
1
400
nA
ISS/TR
SS/TR pin source current
2.3
2.5
2.7
µA
POWER SWITCH
VIN≥6V
90
170
High-side MOSFET ON-resistance
m
Ω
VIN=3V
120
RDS(ON)
VIN≥6V
40
70
Low-side MOSFET ON-resistance
m
Ω
VIN=3V
50
ILIMF
High-side MOSFET forward current limit
VIN =12V, TA= 25°C
1.4
1.7
2.2
A
OUTPUT
VREF
Internal reference voltage
0.8
V
ILKG_FB
Input leakage current (FB)
VFB=0.8V
1
100
nA
Output voltage range (TPS62150A-Q1)
VIN ≥ VOUT
0.9
6.0
V
DEF (Output voltage programming)
DEF=0 (GND)
VOUT
DEF=1 (VOUT)
VOUT+5%
PWM mode operation, VIN ≥ VOUT +1V
–1.8
1.8%
%
VOUT
Output voltage accuracy(2)
Power Save Mode operation, COUT=22µF
–2.3
2.8%
%
Load regulation
VIN=12V, VOUT=3.3V, PWM mode operation
0.05
%/A
3V
≤ VIN ≤ 17V, VOUT=3.3V, IOUT= 1A, PWM
0.02
%/V
Line regulation
mode operation
(1)
Current into AVIN+PVIN pin.
(2)
This is the regulation accuracy of the voltage at the FB pin (adjustable version).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62150A-Q1 TPS62153A-Q1


Similar Part No. - TPS62150A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62150A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com