Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62184 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62184
Description  TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62184 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62184_15 Datasheet HTML 5Page - Texas Instruments TPS62184_15 Datasheet HTML 6Page - Texas Instruments TPS62184_15 Datasheet HTML 7Page - Texas Instruments TPS62184_15 Datasheet HTML 8Page - Texas Instruments TPS62184_15 Datasheet HTML 9Page - Texas Instruments TPS62184_15 Datasheet HTML 10Page - Texas Instruments TPS62184_15 Datasheet HTML 11Page - Texas Instruments TPS62184_15 Datasheet HTML 12Page - Texas Instruments TPS62184_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
(
)
IN
PEAK
OUT
IN
OUT
OUT
PSM
V
I
L
V
V
V
I
f
×
×
-
×
=
2
2
÷÷
ø
ö
çç
è
æ
-
=
-
=
IN
OUT
OFF
OFF
SW
V
V
t
t
D
f
1
1
1
OUT
IN
OUT
OFF
ON
V
V
V
t
t
-
×
=
TPS62184
www.ti.com
SLVSCQ5A – DECEMBER 2014 – REVISED FEBRUARY 2015
Device Functional Modes (continued)
While the OFF-time is predicted, the ON-time is set depending on the converter's duty cycle and calculated as:
spacing
(2)
spacing
Thereby the switching frequency is fixed for a given input and output voltage and is calculated as:
spacing
(3)
spacing
Both the master and follower phases regulate to the same level of VOUT with separate current loops, using the
same peak current setpoint, cycle by cycle. This provides excellent peak current balancing, independent of
inductor dc resistance matching. Since the follower phase operates with a fixed delay to the master phase, also
cycle by cycle, phase shifted operation is obtained.
The device features an automatic transition into Power Save Mode, entered at light loads, running in
discontinuous conduction mode (DCM).
8.4.2 Power Save Mode (PSM) Operation
As the load current decreases, the converter enters Power Save Mode operation. During PSM, the converter
operates with a reduced switching frequency maintaining highest efficiency due to minimum quiescent current.
Power Save Mode is based on a fixed peak current architecture, where the peak current (IPEAK) is set depending
on VIN, VOUT, and L. After each single pulse, a pause time until the internal VOUT_Low level threshold is reached
completes the switching cycle in PSM.
The switching frequency for PSM in one phase operation is calculated as :
spacing
(4)
spacing
Equation 4 shows the linear relationship of output current and switching frequency. Typical values of the fixed
peak current are shown in Figure 7.
space
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62184


Similar Part No. - TPS62184_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
More results

Similar Description - TPS62184_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62180 TI1-TPS62180_16 Datasheet
1Mb / 35P
[Old version datasheet]   4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com