Electronic Components Datasheet Search |
|
GRM0225C1E9R9CDAE Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GRM0225C1E9R9CDAE Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 1 page GRM0225C1E9R9CDAE# # indicates a package specification code. < List of part numbers with package codes > GRM0225C1E9R9CDAEL Shape L size 0.4 ±0.02mm W size 0.2 ±0.02mm T size 0.2 ±0.02mm External terminal width e 0.07 to 0.14mm Distance between external terminals g 0.13mm min. Size code in inch(mm) 01005 (0402) Specifications Capacitance 9.9pF ±0.25pF Rated voltage 25Vdc Temperature characteristics (complied standard) C0G(EIA) Temperature coefficient 0±30ppm/℃ Temperature range of temperature characteristics 25 to 125℃ Operating temperature range -55 to 125℃ Notes Volt. & temp. derating recommended product References Packaging Specifications Minimum quantity φ180mm Embossed taping 40000 Mass (typ.) 1 piece 0.09mg φ180mm Reel 117g 1 of 1 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2015/10/01 |
Similar Part No. - GRM0225C1E9R9CDAE |
|
Similar Description - GRM0225C1E9R9CDAE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |