Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC16M8A2FC-8ELIT Datasheet(PDF) 3 Page - Micron Technology

Part # MT48LC16M8A2FC-8ELIT
Description  SYNCHRONOUS DRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC16M8A2FC-8ELIT Datasheet(HTML) 3 Page - Micron Technology

  MT48LC16M8A2FC-8ELIT Datasheet HTML 1Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 2Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 3Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 4Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 5Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 6Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 7Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 8Page - Micron Technology MT48LC16M8A2FC-8ELIT Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
128Mb: x4, x8, x16 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
128MSDRAM_E.p65 – Rev. E; Pub. 1/02
©2001, Micron Technology, Inc.
128Mb: x4, x8, x16
SDRAM
A0-A11 select the row). The address bits registered
coincident with the READ or WRITE command are used
to select the starting column location for the burst
access.
The SDRAM provides for programmable READ
or WRITE burst lengths of 1, 2, 4, or 8 locations, or the
full page, with a burst terminate option. An auto
precharge function may be enabled to provide a self-
timed row precharge that is initiated at the end of the
burst sequence.
The 128Mb SDRAM uses an internal pipelined
architecture to achieve high-speed operation. This
architecture is compatible with the 2n rule of prefetch
architectures, but it also allows the column address to be
changed on every clock cycle to achieve a high-speed,
fully random access. Precharging one bank while access-
ing one of the other three banks will hide the precharge
cycles and provide seamless high-speed, random-access
operation.
The 128Mb SDRAM is designed to operate in 3.3V
memory systems. An auto refresh mode is provided, along
with a power-saving, power-down mode. All inputs and
outputs are LVTTL-compatible.
SDRAMs offer substantial advances in DRAM operat-
ing performance, including the ability to synchronously
burst data at a high data rate with automatic column-
address generation, the ability to interleave between in-
ternal banks in order to hide precharge time and the
capability to randomly change column addresses on each
clock cycle during a burst access.
GENERAL DESCRIPTION
The Micron® 128Mb SDRAM is a high-speed CMOS,
dynamic random-access memory containing 134,217,728
bits. It is internally configured as a quad-bank DRAM
with a synchronous interface (all signals are registered on
the positive edge of the clock signal, CLK). Each of the x4’s
33,554,432-bit banks is organized as 4,096 rows by 2,048
columns by 4 bits. Each of the x8’s 33,554,432-bit banks is
organized as 4,096 rows by 1,024 columns by 8 bits. Each
of the x16’s 33,554,432-bit banks is organized as 4,096
rows by 512 columns by 16 bits.
Read and write accesses to the SDRAM are burst ori-
ented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an AC-
TIVE command, which is then followed by a READ or
WRITE command. The address bits registered coinci-
dent with the ACTIVE command are used to select the
bank and row to be accessed (BA0, BA1 select the bank;
PART NUMBER
ARCHITECTURE
MT48LC32M4A2TG
32 Meg x 4
MT48LC32M4A2FC*
32 Meg x 4
MT48LC32M4A2FB*
32 Meg x 4
MT48LC16M8A2TG
16 Meg x 8
MT48LC16M8A2FC*
16 Meg x 8
MT48LC16M8A2FB*
16 Meg x 8
MT48LC8M16A2TG
8 Meg x 16
*See page 59 for FBGA Device Marking Table.
128Mb SDRAM PART NUMBERS


Similar Part No. - MT48LC16M8A2FC-8ELIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M8A2TG MICRON-MT48LC16M8A2TG Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC16M8A2TG MICRON-MT48LC16M8A2TG Datasheet
4Mb / 55P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC16M8A2FC-8ELIT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com