Electronic Components Datasheet Search |
|
62074-102 Datasheet(PDF) 1 Page - Micropac Industries |
|
62074-102 Datasheet(HTML) 1 Page - Micropac Industries |
1 / 2 page MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com 6 - 32 62074 FIBER OPTIC GaAlAs LIGHT EMITTING DIODE Mii OPTOELECTRONIC PRODUCTS DIVISION Features: • Hermetically Sealed • High Radiant Output for Fiber Optic Applications • High Speed • Spectrally Matched to the 61082 Series PIN Diode Applications: • Computer Peripheral Link • Tempest Applications • Mobile Communications • Local Area Networks DESCRIPTION The 62074 Light Emitting Diodes are designed to interface with multimode fibers from 50/125 to 200/300 microns. These LED’s convert electrical current into optical power that can be used in fiber optic communication. This series provides high irradiance and is mounted on a TO-46 header with metal protective cap. Available binned to customer specifications and/or screened to MIL-PRF-19500. ABSOLUTE MAXIMUM RATINGS 25°C FREE AIR TEMPERATURE UNLESS NOTED Storage Temperature............................................................................................................................................. -55°C to +150°C Operating Temperature ......................................................................................................................................... -40°C to +125°C Reverse Voltage( at 25°C case temperature) .........................................................................................................................1Vdc Forward Current-Continuous................................... ....(See note 1).................................................................................... 100mA Soldering Temperature (1/16 inch from case for 10 seconds)..........(See note 2) ............................................................... 240°C Transmission Rate at 100mA IF ....................................................................................................................................... 10Mbits/s NOTES: 1. Derate linearly to 125 °C free-air temperature at the rate of 1.0 mA/°C. 2. RMA flux is recommended. Package Dimensions Schematic Diagram ANODE ALL DIMENSIONS ARE IN INCHES [MILLIMETERS] .220Ø [5.59] .208Ø [5.28] .131 [3.33] .121 [3.07] 0.030 [0.76] MAX .185Ø [4.70] .182Ø [4.62] 3 LEADS 0.019 Ø [0.48] .016Ø [0.41] 0.500 [12.70] MIN CATHODE Ø0.100 [Ø2.54] NOM .048 [1.22] .028 [0.71] .046 [1.17] .036 [0.91] 45° CASE K A |
Similar Part No. - 62074-102 |
|
Similar Description - 62074-102 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |