Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62560 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62560
Description  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62560 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62560_15 Datasheet HTML 7Page - Texas Instruments TPS62560_15 Datasheet HTML 8Page - Texas Instruments TPS62560_15 Datasheet HTML 9Page - Texas Instruments TPS62560_15 Datasheet HTML 10Page - Texas Instruments TPS62560_15 Datasheet HTML 11Page - Texas Instruments TPS62560_15 Datasheet HTML 12Page - Texas Instruments TPS62560_15 Datasheet HTML 13Page - Texas Instruments TPS62560_15 Datasheet HTML 14Page - Texas Instruments TPS62560_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
V
3.6V
V
1.8V
I
50
MODE=GND
IN
OUT
OUT
mA to250mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
20
s/Div
m
SW2V/Div
I
200mA/Div
OUT
50mA
250mA
V
3.6V
V
1.5V
I
50
MODE=GND
IN
OUT
OUT
mA to400mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
20
s/Div
m
SW2V/Div
I
500mA/Div
OUT
50mA
400mA
PFMMode
PWMMode
V
IN
3.6Vto4.2V
500mV/Div
V
=1.8V
50mV/Div
I
=50mA
MODE=GND
OUT
OUT
V
3.6V
V
1.5V
I
50
MODE=GND
IN
OUT
OUT
mA to400mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
20
s/Div
m
SW2V/Div
I
500mA/Div
OUT
50mA
400mA
PFMMode
PWMMode
TPS62560, TPS62561
TPS62562
www.ti.com
SLVS815C – JANUARY 2008 – REVISED DECEMBER 2009
LOAD TRANSIENT
LOAD TRANSIENT
(PFM Mode To PWM Mode)
(PFM Mode To PWM Mode)
Figure 18.
Figure 19.
LOAD TRANSIENT
(PWM Mode To PFM Mode)
LINE TRANSIENT (PFM Mode)
Figure 20.
Figure 21.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62560 TPS62561 TPS62562


Similar Part No. - TPS62560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62560DRVR TI-TPS62560DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVRG4 TI-TPS62560DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVT TI-TPS62560DRVT Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVTG4 TI-TPS62560DRVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
More results

Similar Description - TPS62560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62260 TI-TPS62260_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6226x 2.25-MHz 600-mA Step Down Converter in 2 x 2 WSON and SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com