Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62650 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62650 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62650_15 Datasheet HTML 4Page - Texas Instruments TPS62650_15 Datasheet HTML 5Page - Texas Instruments TPS62650_15 Datasheet HTML 6Page - Texas Instruments TPS62650_15 Datasheet HTML 7Page - Texas Instruments TPS62650_15 Datasheet HTML 8Page - Texas Instruments TPS62650_15 Datasheet HTML 9Page - Texas Instruments TPS62650_15 Datasheet HTML 10Page - Texas Instruments TPS62650_15 Datasheet HTML 11Page - Texas Instruments TPS62650_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Note: Theinternalregistersaresettotheirdefaultvalues
L =muRataLQM21PN1R0NGR
C1=muRataGRM155R60J475M(4.7 F,6.3V,0402,X5R)
C2=muRataGRM155R60J475M(4.7 F,6.3V,0402,X5R)
m
m
FB
C2
L1
VIN
TPS62650
SW
GND
EN
VSEL
SDA
SCL
C1
V
I
upto3.4Mbps
I2C Bus
GND
V
O
V =Roof
O
V =Floor
O
TPS62650
TPS62651
SLVS808B
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output current
5, 6, 7, 8
η
Efficiency
vs Input voltage
9
Peak-to-peak output ripple
vs Output Current
10, 11, 12, 13
voltage
vs Output current
14, 15, 16, 17
VO
DC output voltage
vs Ambient temperature
18, 19
Measured output voltage
vs DAC target output voltage
20
PFM/PWM Boundaries
21
IQ
Quiescent current
vs Input voltage
22
ISD
Shutdown current
vs Input voltage
23
fS
Switching frequency
vs Input voltage
24
P-channel MOSFET rDS(on)
vs Input voltage
25
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
26
Load transient response
27 - 38
Line transient PWM operation
39
Combined line and load transient
40
response
PWM operation
41
Power-save mode operation
42
Dynamic voltage management
43, 44
Output voltage ramp control
45
Start-up
46, 47
8
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TPS62650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
More results

Similar Description - TPS62650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com