Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62751DSKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62751DSKT
Description  High Efficiency Step-Down Converter for USB Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62751DSKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62751DSKT Datasheet HTML 1Page - Texas Instruments TPS62751DSKT Datasheet HTML 2Page - Texas Instruments TPS62751DSKT Datasheet HTML 3Page - Texas Instruments TPS62751DSKT Datasheet HTML 4Page - Texas Instruments TPS62751DSKT Datasheet HTML 5Page - Texas Instruments TPS62751DSKT Datasheet HTML 6Page - Texas Instruments TPS62751DSKT Datasheet HTML 7Page - Texas Instruments TPS62751DSKT Datasheet HTML 8Page - Texas Instruments TPS62751DSKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VIN
GND
EN
FB
Ilim_L
TPS62750
CO
L
CIN
2.2 µH
VIN 5.0V
R4
R1
R2
Cff
L1
H/L
Ilim_U
R3
AVIN
PGND
CBULK
VOUT 3.6V
TPS62750, TPS62751
www.ti.com ................................................................................................................................................. SLVS955A – JULY 2009 – REVISED SEPTEMBER 2009
High Efficiency Step-Down Converter for USB Applications
Check for Samples :TPS62750, TPS62751
1
FEATURES
APPLICATIONS
USB Wireless Modems
Efficiency > 90% at Nominal Operating
Conditions
Portable USB peripherals
Handheld Computers
Programmable Average Input Current Limits
for USB Applications
DESCRIPTION
50mA to 300mA for Low Current Limit
Range
The
TPS6275x
device
is
a
highly
efficient
synchronous step down dc-dc converter optimized for
300mA to 1.3A for High Current Limit
USB powered portable applications. It can provide up
Range
to 1300mA average input current and is ideal for
±10% Current Accuracy
applications connected to a USB host.
Stable Output Voltage for Load Transients to
With an input voltage range of 2.9 V to 6.0V, the
Minimize Overshoot at Load Step Response
device supports batteries with extended voltage
Hot Plug and Reverse Current Protection
range and is ideal for powering USB applications
Automatic PFM/PWM Mode transition
where USB compliance is required.
(TPS62750)
The TPS62750 operates at 2.25-MHz fixed switching
Forced PWM for Noise Sensitive Applications
frequency and enters Power Save Mode operation at
(TPS62751)
light load currents to maintain high efficiency over the
entire load current range. The TPS62751 operates in
VIN Range From 2.9V to 6V
Forced PWM mode allowing use in applications that
Adjustable VOUT From 0.8V to 0.85×VIN
are noise sensitive. An output discharge allows the
Softstart for Inrush Current Prevention
load to discharge in shutdown.
2.25 MHz Fixed Frequency Operation
The 10% accurate average input current limit can be
Short Cicruit and Thermal Shutdown
programmed with an external resistor, allowing use in
applications such as USB, where the current drawn
Protection
from the bus must be limited to 500mA.
Available in a 2.5 × 2.5 10 pin SON Package
The TPS6275x allows the use of small inductors and
capacitors to achieve a small solution size. The
TPS6275x is available in a 2,5mm × 2,5mm 10-pin
SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62751DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62751DSKT TI1-TPS62751DSKT Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
More results

Similar Description - TPS62751DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com