Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS64200 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS64200
Description  SOT23 STEP-COWN CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64200 Datasheet(HTML) 3 Page - Texas Instruments

  TPS64200_15 Datasheet HTML 1Page - Texas Instruments TPS64200_15 Datasheet HTML 2Page - Texas Instruments TPS64200_15 Datasheet HTML 3Page - Texas Instruments TPS64200_15 Datasheet HTML 4Page - Texas Instruments TPS64200_15 Datasheet HTML 5Page - Texas Instruments TPS64200_15 Datasheet HTML 6Page - Texas Instruments TPS64200_15 Datasheet HTML 7Page - Texas Instruments TPS64200_15 Datasheet HTML 8Page - Texas Instruments TPS64200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VIN = 3.8 V, VO = 3.3 V, EN = VIN, TA = −40°C to 85°C (unless otherwise noted)
SUPPLY CURRENT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
6.5
V
I(Q)
Operating quiescent current
IO = 0 mA
20
35
µA
I(SD)
Shutdown current
EN = VI
0.1
1
µA
OUTPUT/CURRENT LIMIT
VO
Adjustable output voltage range
VFB
VI
V
VFB
Feedback voltage
1.213
V
Feedback leakage current
0.01
0.2
µA
Feedback voltage tolerance
−2
+2
%
V(ISENSE) Reference voltage for current limit
90
105
120
mV
ISENSE leakage current
0.01
0.2
µA
Line regulation
Measured with circuit according to Figure 1
0.6
%/V
Load regulation
Measured with circuit according to Figure 1
VI = 3.8 V
0.6
%/A
η
Efficiency
Measured with circuit according to Figure 1
VI = 3.8 V, VO = 3.3 V, IO = 1000 mA
94%
η
Efficiency
Measured with circuit according to Figure 1
VI = 3.8 V, VO = 1.2 V, IO = 800 mA
80%
Start-up time
IO = 0 mA, Time from active EN to VO,
CO = 47 µF
0.25
ms
GATE DRIVER (SW-PIN)
rDS(ON)
P-channel MOSFET on-resistance
VI ≥ 2.5 V
4
rDS(ON)
P-channel MOSFET on-resistance
VI = 1.8 V
6
rDS(ON)
N-channel MOSFET on-resistance
VI ≥ 2.5 V
4
rDS(ON)
N-channel MOSFET on-resistance
VI = 1.8 V
6
IO
Maximum gate drive output current, SW
150
mA
ENABLE
VIH
EN high level input voltage
Device is off
1.3
V
VIL
EN low level input voltage
Device is operating
0.3
V
EN trip point hysteresis
115
mV
Ilkg
EN input leakage current
EN = GND or VIN
0.01
0.2
µA
V(UVLO)
Undervoltage lockout threshold
1.7
V
ON TIME and OFF TIME
ton
Minimum on time
TPS64200, TPS64201, TPS64202
1.36
1.6
1.84
s
ton
Minimum on time
TPS64203 only
0.56
0.65
0.74
µs
Reduced on time 1
TPS64201,TPS64202
0.80
µs
Reduced on time 2
TPS64201,TPS64202
0.40
µs
Reduced on time 3
TPS64201,TPS64202
0.20
µs
toff
Minimum off time
TPS64200,TPS64201, TPS64203
0.44
0.55
0.66
s
toff
Minimum off time
TPS64202 only
0.24
0.3
0.36
µs


Similar Part No. - TPS64200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64200DBVR TI-TPS64200DBVR Datasheet
279Kb / 24P
[Old version datasheet]   SOT23 STEP DOWN CONTROLLER
TPS64200DBVR TI-TPS64200DBVR Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
TPS64200DBVRG4 TI-TPS64200DBVRG4 Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
TPS64200DBVT TI-TPS64200DBVT Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
TPS64200DBVTG4 TI-TPS64200DBVTG4 Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
More results

Similar Description - TPS64200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64200 TI-TPS64200 Datasheet
279Kb / 24P
[Old version datasheet]   SOT23 STEP DOWN CONTROLLER
TPS64202DBVT TI-TPS64202DBVT Datasheet
647Kb / 29P
[Old version datasheet]   SOT23 STEP-DOWN CONTROLLER
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com