Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V032C12STCD3-GEVK Datasheet(PDF) 8 Page - ON Semiconductor

Part # MT9V032C12STCD3-GEVK
Description  Inch Wide-VGA CMOS Digital Image Sensor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V032C12STCD3-GEVK Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MT9V032C12STCD3-GEVK Datasheet HTML 4Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 5Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 6Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 7Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 8Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 9Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 10Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 11Page - ON Semiconductor MT9V032C12STCD3-GEVK Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
MT9V022_DS Rev. G 6/15 EN
3
©Semiconductor Components Industries, LLC, 2015.
MT9V032: 1/3-Inch Wide-VGA Digital Image Sensor
Pin Descriptions
Pin Descriptions
Table 3:
Pin Descriptions
Only pins DOUT0 through DOUT9 may be tri-stated.
48-Pin LLCC
Numbers
Symbol
Type
Description
Note
29
RSVD
Input
Connect to DGND.1
10
SER_DATAIN_N
Input
Serial data in for stereoscopy (differential negative). Tie to 1k
pull-up (to 3.3V) in non-stereoscopy mode.
11
SER_DATAIN_P
Input
Serial data in for stereoscopy (differential positive). Tie to DGND
in non-stereoscopy mode.
8
BYPASS_CLKIN_N
Input
Input bypass shift-CLK (differential negative). Tie to 1K pull-
up (to 3.3V) in non-stereoscopy mode.
9
BYPASS_CLKIN_P
Input
Input bypass shift-CLK (differential positive). Tie to DGND in
non-stereoscopy mode.
23
EXPOSURE
Input
Rising edge starts exposure in slave mode.
25
SCLK
Input
Two-wire serial interface clock. Connect to VDD with 1.5K
resistor even when no other two-wire serial interface
peripheral is attached.
28
OE
Input
DOUT enable pad, active HIGH.
2
30
S_CTRL_ADR0
Input
Two-wire serial interface slave address bit 3.
31
S_CTRL_ADR1
Input
Two-wire serial interface slave address bit 5.
32
RESET#
Input
Asynchronous reset. All registers assume defaults.
33
STANDBY
Input
Shut down sensor operation for power saving.
47
SYSCLK
Input
Master clock (26.6 MHz).
24
SDATA
I/O
Two-wire serial interface data. Connect to VDD with 1.5K
resistor even when no other two-wire serial interface
peripheral is attached.
22
STLN_OUT
I/O
Output in master mode
start line sync to drive slave chip in-
phase; input in slave mode.
26
STFRM_OUT
I/O
Output in master mode
start frame sync to drive a slave chip
in-phase; input in slave mode.
20
LINE_VALID
Output
Asserted when DOUT data is valid.
21
FRAME_VALID
Output
Asserted when DOUT data is valid.
15
DOUT5
Output
Parallel pixel data output 5.
16
DOUT6
Output
Parallel pixel data output 6.
17
DOUT7
Output
Parallel pixel data output 7.
18
DOUT8
Output
Parallel pixel data output 8
19
DOUT9
Output
Parallel pixel data output 9.
27
LED_OUT
Output
LED strobe output.
41
DOUT4
Output
Parallel pixel data output 4.
42
DOUT3
Output
Parallel pixel data output 3.
43
DOUT2
Output
Parallel pixel data output 2.
44
DOUT1
Output
Parallel pixel data output 1.
45
DOUT0
Output
Parallel pixel data output 0.
46
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
2
SHFT_CLKOUT_N
Output
Output shift CLK (differential negative).


Similar Part No. - MT9V032C12STCD3-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V032C12STCD3-GEVK ONSEMI-MT9V032C12STCD3-GEVK Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
More results

Similar Description - MT9V032C12STCD3-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
Micron Technology
MT9V012 MICRON-MT9V012 Datasheet
783Kb / 53P
   1/6-Inch VGA CMOS Digital Image Sensor
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com