Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024IA7XTC-DP Datasheet(PDF) 8 Page - ON Semiconductor

Part # MT9V024IA7XTC-DP
Description  Wide-VGA CMOS Digital Image Sensor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024IA7XTC-DP Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MT9V024IA7XTC-DP Datasheet HTML 4Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 5Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 6Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 7Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 8Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 9Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 10Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 11Page - ON Semiconductor MT9V024IA7XTC-DP Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
7
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Ball Descriptions
Ball Descriptions
Table 1:
Ball Descriptions
52-Ball IBA
Numbers
Symbol
Type
Description
Note
H7
RSVD
Input
Connect to DGND.1
D2
SER_DATAIN_N
Input
Serial data in for stereoscopy (differential negative). Tie to 1K
pull-up (to 3.3V) in non-stereoscopy mode.
D1
SER_DATAIN_P
Input
Serial data in for stereoscopy (differential positive). Tie to DGND in
non-stereoscopy mode.
C2
BYPASS_CLKIN_N
Input
Input bypass shift-CLK (differential negative). Tie to 1K pull-up
(to 3.3V) in non-stereoscopy mode.
C1
BYPASS_CLKIN_P
Input
Input bypass shift-CLK (differential positive). Tie to DGND in non-
stereoscopy mode.
H3
EXPOSURE
Input
Rising edge starts exposure in snapshot and slave modes.
H4
SCLK
Input
Two-wire serial interface clock. Connect to VDD with 1.5K resistor
even when no other two-wire serial interface peripheral is
attached.
H6
OE
Input
DOUT enable pad, active HIGH.
2
G7
S_CTRL_ADR0
Input
Two-wire serial interface slave address select (see Table 4 on
page 12).
H8
S_CTRL_ADR1
Input
Two-wire serial interface slave address select (see Table 4 on
page 12).
G8
RESET_BAR
Input
Asynchronous reset. All registers assume defaults.
F8
STANDBY
Input
Shut down sensor operation for power saving.
A5
SYSCLK
Input
Master clock (26.6 MHz; 13 MHz – 27 MHz).
G4
SDATA
I/O
Two-wire serial interface data. Connect to VDD with 1.5K resistor
even when no other two-wire serial interface peripheral is
attached.
G3
STLN_OUT
I/O
Output in master mode
start line sync to drive slave chip in-
phase; input in slave mode.
G5
STFRM_OUT
I/O
Output in master mode
start frame sync to drive a slave chip in-
phase; input in slave mode.
H2
LINE_VALID
Output
Asserted when DOUT data is valid.
G2
FRAME_VALID
Output
Asserted when DOUT data is valid.
E1
DOUT5
Output
Parallel pixel data output 5.
F1
DOUT6
Output
Parallel pixel data output 6.
F2
DOUT7
Output
Parallel pixel data output 7.
G1
DOUT8
Output
Parallel pixel data output 8
H1
DOUT9
Output
Parallel pixel data output 9.
H5
ERROR
Output
Error detected. Directly connected to STEREO ERROR FLAG.
G6
LED_OUT
Output
LED strobe output.
B7
DOUT4
Output
Parallel pixel data output 4.
A8
DOUT3
Output
Parallel pixel data output 3.
A7
DOUT2
Output
Parallel pixel data output 2.
B6
DOUT1
Output
Parallel pixel data output 1.
A6
DOUT0
Output
Parallel pixel data output 0.
B5
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.


Similar Part No. - MT9V024IA7XTC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024IA7XTC-DP ONSEMI-MT9V024IA7XTC-DP Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024IA7XTC-DP ONSEMI-MT9V024IA7XTC-DP Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

Similar Description - MT9V024IA7XTC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com