Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V124EBKSTC-CR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MT9V124EBKSTC-CR
Description  Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V124EBKSTC-CR Datasheet(HTML) 1 Page - ON Semiconductor

  MT9V124EBKSTC-CR Datasheet HTML 1Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 2Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 3Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 4Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 5Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 6Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 7Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 8Page - ON Semiconductor MT9V124EBKSTC-CR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MT9V124: 1/13-Inch VGA SOC Digital Image Sensor
Features
MT9V124_DS Rev.C Pub. 5/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/13-Inch System-On-A-Chip (SOC) CMOS Digital
Image Sensor
MT9V124 Datasheet, Rev. C
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance
• Ultra-low-power
•VGA video at 30fps
• Internal master clock generated by on-chip phase
locked loop (PLL) oscillator
• Electronic rolling shutter (ERS), progressive scan
• Integrated image flow processor (IFP) for single-die
camera module
• One-time programmable memory (OTPM)
• Automatic image correction and enhancement,
including four-channel lens shading correction
• Image scaling with anti-aliasing
• Supports ITU-R BT.656 format with Odd Timing
code
• Two-wire serial interface providing access to
registers and microcontroller memory
• Selectable output data format: YCbCr, 565RGB, and
RAW8+2-bit, BT656
• High Speed serial data output in 12-bit packet
• Independently configurable gamma correction
• Direct XDMA access (reducing serial commands)
• Integrated hue rotation ±22°
Applications
• Medical tools, device
•Biometrics
• Industrial application
General Description
ON Semiconductor's MT9V124 is a 1/13-inch CMOS
digital image sensor with an active-pixel array of 648H
x 488V. It includes sophisticated camera functions
such as auto exposure control, auto white balance,
black level control, flicker detection and avoidance,
and defect correction. It is designed for low light per-
formance. It is programmable through a simple two-
wire serial interface. The MT9V124 produces extraordi-
narily clear, sharp digital pictures that make it the per-
fect choice for a wide range of medical and industrial
applications.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/13-inch
Active pixels
648 x 488 = 0.3 Mp (VGA)
Pixel size
1.75m
Color filter array
RGB Bayer
Shutter type
Electronic rolling shutter (ERS)
Input clock range
18 – 44 MHz
Output
LVDS
12-bit packet
Frame rate, full
resolution
30 fps
Responsivity
1.65 V/lux*sec
SNRMAX
33.4 dB
Dynamic range
58 dB
Supply
voltage
Analog
2.5–3.1V
Digital
1.7–1.95V
Digital I/O
1.7–1.95V or 2.5–3.1V
Power consumption
55 mW
Operating temperature
(ambient) -TA
–30 °C to +70 °C
Chief ray angle
24°
Package options
Bare die, CSP


Similar Part No. - MT9V124EBKSTC-CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V124EBKSTC-CR ONSEMI-MT9V124EBKSTC-CR Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
More results

Similar Description - MT9V124EBKSTC-CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V115 ONSEMI-MT9V115 Datasheet
1Mb / 51P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
logo
Micron Technology
MT9V135C12STC MICRON-MT9V135C12STC Datasheet
579Kb / 17P
   1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9D131 ONSEMI-MT9D131_16 Datasheet
615Kb / 102P
   System?륮n?륚?륝hip (SOC) CMOS Digital Image Sensor
November, 2016 ??Rev. 9
MT9D115 ONSEMI-MT9D115_17 Datasheet
353Kb / 48P
   System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
January, 2017 ??Rev. 5
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
ON Semiconductor
MT9V111 ONSEMI-MT9V111 Datasheet
730Kb / 32P
   SOC VGA CMOS Active-Pixel Digital Image Sensor
Rev. N 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com